Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83R5122XXX-RDRUM Datasheet(PDF) 151 Page - ATMEL Corporation

Part # AT83R5122XXX-RDRUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83R5122XXX-RDRUM Datasheet(HTML) 151 Page - ATMEL Corporation

Back Button AT83R5122XXX-RDRUM Datasheet HTML 147Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 148Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 149Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 150Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 151Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 152Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 153Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 154Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 155Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 208 page
background image
151
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Reset Value = 0000 0000b
Table 89.
Timer/Counter Mode Control Register - TMOD (S:89h)
76
54
32
10
GATE1
C/T1#
M11
M01
GATE0
C/T0#
M10
M00
Bit Number
Bit Mnemonic
Description
7GATE1
Timer 1 Gating Control bit
Clear to enable Timer 1 whenever TR1 bit is set.
Set to enable Timer 1 only while INT1# pin is high and TR1 bit is set.
6C/T1#
Timer 1 Counter/Timer Select bit
Clear for Timer operation: Timer 1 counts the divided-down system clock.
Set for Counter operation: Timer 1 counts negative transitions on external pin T1.
5M11
Timer 1 Mode Select bits
M11
M01
Operating mode
0
0
Mode 0:8-bit Timer/Counter (TH1) with 5-bit prescaler (TL1).
0
1
Mode 1:16-bit Timer/Counter.
1
0
Mode 2:8-bit auto-reload Timer/Counter (TL1) reloaded from TH1 at overflow.
1
1
Mode 3:Timer 1 halted. Retains count.
4M01
3GATE0
Timer 0 Gating Control bit
Clear to enable Timer 0 whenever TR0 bit is set.
Set to enable Timer/Counter 0 only while INT0# pin is high and TR0 bit is set.
2C/T0#
Timer 0 Counter/Timer Select bit
Clear for Timer operation: Timer 0 counts the divided-down system clock.
Set for Counter operation: Timer 0 counts negative transitions on external pin T0.
1M10
Timer 0 Mode Select bit
M10
M00
Operating mode
0
0
Mode 0:8-bit Timer/Counter (TH0) with 5-bit prescaler (TL0).
0
1
Mode 1:16-bit Timer/Counter.
1
0
Mode 2:8-bit auto-reload Timer/Counter (TL0). Reloaded from TH0 at overflow.
1
1
Mode 3:TL0 is an 8-bit Timer/Counter.
TH0 is an 8-bit Timer using Timer 1’s TR0 and TF0 bits.
0M00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com