Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83R5122XXX-RDRUM Datasheet(PDF) 183 Page - ATMEL Corporation

Part # AT83R5122XXX-RDRUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83R5122XXX-RDRUM Datasheet(HTML) 183 Page - ATMEL Corporation

Back Button AT83R5122XXX-RDRUM Datasheet HTML 179Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 180Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 181Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 182Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 183Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 184Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 185Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 186Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 187Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 208 page
background image
183
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Registers
Reset Value = 00X1 0000b
Power-off flag reset value will be 1 only after a power on (cold reset). A warm reset
doesn’t affect the value of this bit.
Table 113.
Power Control Register - PCON (S:87h)
7654
3210
SMOD1
SMOD0
-
POF
GF1
GF0
PD
IDL
Bit
Number
Bit
Mnemonic
Description
7SMOD1
Serial Port Mode bit 1 for UART
Set to select double baud rate in mode 1,2 or 3
6SMOD0
Serial Port Mode bit 0 for UART
Cleared to select SM0 bit in SCON register
Set to select FE bit in SCON register
5-
Reserved
The value read from this bit is indeterminate. Do not change this bit.
4POF
Power-Off Flag (Only for ROM version parts)
Cleared to recognize next reset type
Set by hardware when VCC rises from 0 to its nominal voltage. Can also be set
by software
Warning
: in CRAM and FLASH versions, this bit is reserved.
3GF1
General purpose Flag
Cleared by user for general-purpose usage
Set by user for general-purpose usage
2GF0
General purpose Flag
Cleared by user for general-purpose usage
Set by user for general-purpose usage
1PD
Power-Down mode bit
Cleared by hardware when reset occurs
Set to enter power-down mode
0IDL
Idle mode bit
Cleared by hardware when interrupt or reset occurs
Set to enter idle mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com