Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT85C5122D-RDTUM Datasheet(PDF) 152 Page - ATMEL Corporation

Part # AT85C5122D-RDTUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT85C5122D-RDTUM Datasheet(HTML) 152 Page - ATMEL Corporation

Back Button AT85C5122D-RDTUM Datasheet HTML 148Page - ATMEL Corporation AT85C5122D-RDTUM Datasheet HTML 149Page - ATMEL Corporation AT85C5122D-RDTUM Datasheet HTML 150Page - ATMEL Corporation AT85C5122D-RDTUM Datasheet HTML 151Page - ATMEL Corporation AT85C5122D-RDTUM Datasheet HTML 152Page - ATMEL Corporation AT85C5122D-RDTUM Datasheet HTML 153Page - ATMEL Corporation AT85C5122D-RDTUM Datasheet HTML 154Page - ATMEL Corporation AT85C5122D-RDTUM Datasheet HTML 155Page - ATMEL Corporation AT85C5122D-RDTUM Datasheet HTML 156Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 208 page
background image
152
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Reset Value = 0000 0000b
Reset Value = 0000 0000b
Reset Value = 0000 0000b
Reset Value = 0000 0000b
Table 90.
Timer 0 High Byte Register - TH0 (S:8Ch)
7654
3210
Bit Number
Bit
Mnemonic Description
7:0
High Byte of Timer 0
Table 91.
Timer 0 Low Byte Register - TL0 (S:8Ah)
7654
3210
Bit
Number
Bit
Mnemonic
Description
7:0
Low Byte of Timer 0
Table 92.
Timer 1 High Byte Register - TH1 (S:8Dh)
7654
3210
Bit Number
Bit
Mnemonic Description
7:0
High Byte of Timer 1
Table 93.
Timer 1 Low Byte Register - TL1 (S:8Bh)
7654
3210
Bit Number
Bit
Mnemonic Description
7:0
Low Byte of Timer 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com