Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5122D-RDTUM Datasheet(PDF) 122 Page - ATMEL Corporation

Part # AT89C5122D-RDTUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5122D-RDTUM Datasheet(HTML) 122 Page - ATMEL Corporation

Back Button AT89C5122D-RDTUM Datasheet HTML 118Page - ATMEL Corporation AT89C5122D-RDTUM Datasheet HTML 119Page - ATMEL Corporation AT89C5122D-RDTUM Datasheet HTML 120Page - ATMEL Corporation AT89C5122D-RDTUM Datasheet HTML 121Page - ATMEL Corporation AT89C5122D-RDTUM Datasheet HTML 122Page - ATMEL Corporation AT89C5122D-RDTUM Datasheet HTML 123Page - ATMEL Corporation AT89C5122D-RDTUM Datasheet HTML 124Page - ATMEL Corporation AT89C5122D-RDTUM Datasheet HTML 125Page - ATMEL Corporation AT89C5122D-RDTUM Datasheet HTML 126Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 208 page
background image
122
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Reset Value = 0000 0000b
Table 74.
USB Endpoint Interrupt Register - UEPINT (S:F8h read-only)
765
432
10
-
EP6INT
EP5INT
EP4INT
EP3INT
EP2INT
EP1INT
EP0INT
Bit
Number
Bit
Mnemonic Description
7-
Reserved
The value read from these bits is always 0. Do not change this bit.
6EP6INT
Endpoint 6 Interrupt
This bit is set by hardware when an interrupt has been detected on the endpoint 6.
The interrupt sources are part of UEPSTAX register and can be : TXCMP,
RXOUTB0, RXOUTB1, RXSETUP or STLCRC. A USB interrupt is triggered when
the EP6INTE bit in the UEPIEN register is set.
This bit is cleared by hardware when all the interrupt sources are cleared.
5EP5INT
Endpoint 5 Interrupt
This bit is set by hardware when an interrupt has been detected on the endpoint 5.
The interrupt sources are part of UEPSTAX register and can be : TXCMP,
RXOUTB0, RXOUTB1, RXSETUP or STLCRC. A USB interrupt is triggered when
the EP5INTE bit in the UEPIEN register is set.
This bit is cleared by hardware when all the interrupt sources are cleared.
4EP4INT
Endpoint 4 Interrupt
This bit is set by hardware when an interrupt has been detected on the endpoint 4.
The interrupt sources are part of UEPSTAX register and can be : TXCMP,
RXOUTB0, RXOUTB1, RXSETUP or STLCRC. A USB interrupt is triggered when
the EP4INTE bit in the UEPIEN register is set.
This bit is cleared by hardware when all the interrupt sources are cleared.
3EP3INT
Endpoint 3 Interrupt
This bit is set by hardware when an interrupt has been detected on the endpoint 3.
The interrupt sources are part of UEPSTAX register and can be : TXCMP,
RXOUTB0, RXOUTB1, RXSETUP or STLCRC. A USB interrupt is triggered when
the EP3INTE bit in the UEPIEN register is set.
This bit is cleared by hardware when all the interrupt sources are cleared.
2EP2INT
Endpoint 2 Interrupt
This bit is set by hardware when an interrupt has been detected on the endpoint 2.
The interrupt sources are part of UEPSTAX register and can be : TXCMP,
RXOUTB0, RXOUTB1, RXSETUP or STLCRC. A USB interrupt is triggered when
the EP2INTE bit in the UEPIEN register is set.
This bit is cleared by hardware when all the interrupt sources are cleared.
1EP1INT
Endpoint 1 Interrupt
This bit is set by hardware when an interrupt has been detected on the endpoint 1.
The interrupt sources are part of UEPSTAX register and can be : TXCMP,
RXOUTB0, RXOUTB1, RXSETUP or STLCRC. A USB interrupt is triggered when
the EP1INTE bit in the UEPIEN register is set.
This bit is cleared by hardware when all the interrupt sources are cleared.
0EP0INT
Endpoint 0 Interrupt
This bit is set by hardware when an interrupt has been detected on the endpoint 0.
The interrupt sources are part of UEPSTAX register and can be : TXCMP,
RXOUTB0, RXOUTB1, RXSETUP or STLCRC. A USB interrupt is triggered when
the EP0INTE bit in the UEPIEN register is set.
This bit is cleared by hardware when all the interrupt sources are cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com