Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5122D-RDTUM Datasheet(PDF) 182 Page - ATMEL Corporation

Part # AT89C5122D-RDTUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5122D-RDTUM Datasheet(HTML) 182 Page - ATMEL Corporation

Back Button AT89C5122D-RDTUM Datasheet HTML 178Page - ATMEL Corporation AT89C5122D-RDTUM Datasheet HTML 179Page - ATMEL Corporation AT89C5122D-RDTUM Datasheet HTML 180Page - ATMEL Corporation AT89C5122D-RDTUM Datasheet HTML 181Page - ATMEL Corporation AT89C5122D-RDTUM Datasheet HTML 182Page - ATMEL Corporation AT89C5122D-RDTUM Datasheet HTML 183Page - ATMEL Corporation AT89C5122D-RDTUM Datasheet HTML 184Page - ATMEL Corporation AT89C5122D-RDTUM Datasheet HTML 185Page - ATMEL Corporation AT89C5122D-RDTUM Datasheet HTML 186Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 208 page
background image
182
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Exiting from Power-down
Mode
The microcontroller will exit from Power-down or Idle modes upon a reset or INT1 inter-
rupt which is a multiplexing of the interruptions generated by the CPRES pin (Card
detection), RxD flag (UART reception) and INT1 pin.
Keyboard Interface
The keyboard interface applies only to AT8xC5122 version.
Entering in Power-down Mode
In order to reduce the power consumption, the microcontroller can be set in power-down
or idle mode by software (see Table 13, PCON register). Before activating these modes
the application will need to configure the keyboard interface as follows:
•
Set all keyboard’s ouputs pins KB Rx at low level by writing a 0 on the ports. This
operation has a double effect:
–
any key that is pressed generates an interrupt capable of waking-up the
microcontroller,
–
Set all bits KBE.x in KBE registers to enable interrupts.
Exiting from Power-down
Mode
The microcontroller will exit from Power-down Mode upon a reset or any interrupt gener-
ated by a key press. Note that 1024 clocks are necessary to exit from power-down mode
when a keyboard interrupt occurs. This means that there will be a delay between the
time at which the key is pressed and the time at which the application is able to identify
the key.
Watchdog Timer during
Power-down and Idle
Mode
In Power-down mode the oscillator stops, which means the WDT also stops. While in
Power-down mode the user does not need to service the WDT. There are 2 methods of
exiting Power-down mode : by a hardware reset or by a level activated external interrupt
which is enabled prior to entering power-down mode. When Power-down is exited with
hardware reset, servicing the WDT should occur as it normally does whenever
AT8xC5122D is reset. Exiting Power-down with an interrupt is significantly different. The
interrupt is held low long enough for the oscillator to stabilize. When the interrupt is
brought high, the interrupt is serviced. To prevent the WDT from resetting the device
while the interrupt pin is held low, the WDT is not started until the interrupt is pulled high.
It is suggested that the WDT be reset during the interrupt service for the interrupt used
to exit Power-down.
To ensure that the WDT does not overflow within a few states of exiting of powerdown, it
is best to reset the WDT just before entering powerdown.
In the Idle mode, the oscillator continues to run. To prevent the WDT from resetting
while the microcontroller is in Idle mode, the user should always set up a timer that will
periodically exit Idle, service the WDT, and re-enter Idle mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com