Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3261I25 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # 3261I25
Description  Hi-Current Toroid Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

3261I25 Datasheet(HTML) 1 Page - Frontier Electronics.

  3261I25 Datasheet HTML 1Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Hi-I toroid ind. 3261I-series
Rev. A
Jan. 01, 2006 Page: 1 of 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998 FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: frontierusa.com
Hi-Current Toroid Inductors3261I-series
A. Electrical specifications and Mechanical dimensions (Inches):
Dimensions (max.)
Part
No.
L (uH)
±15%
@ 1KHz
I DC Max.
(Amp.)
L(uH) Min
@ I DC
DCR
(Max.)
A
B
C
Pin
φ
3261I01
25
2.50
16
0.040
0.550
0.220
0.150
0.020
3261I02
35
2.50
29
0.035
0.700
0.320
0.150
0.025
3261I03
50
2.50
35
0.060
0.750
0.320
0.150
0.020
3261I04
100
2.50
70
0.080
0.850
0.360
0.200
0.020
3261I05
70
3.00
50
0.050
0.850
0.360
0.200
0.025
3261I06
40
4.00
30
0.025
0.850
0.360
0.200
0.032
3261I07
10
11.00
5.0
0.008
0.875
0.437
0.187
0.064
3261I08
25
5.50
12
0.014
0.875
0.437
0.187
0.040
3261I09
125
2.75
70
0.120
0.875
0.437
0.187
0.020
3261I10
275
2.00
150
0.240
0.875
0.437
0.187
0.016
3261I11
450
1.50
250
0.490
0.875
0.437
0.187
0.012
3261I12
25
9.00
15
0.012
1.125
0.562
0.312
0.064
3261I13
75
5.00
40
0.040
1.125
0.562
0.312
0.036
3261I14
400
2.25
225
0.330
1.125
0.562
0.312
0.018
3261I15
800
1.75
475
0.640
1.125
0.562
0.312
0.015
3261I16
1000
1.50
575
0.980
1.125
0.562
0.312
0.012
3261I17
50
9.50
25
0.012
1.250
0.625
0.375
0.064
3261I18
150
4.75
85
0.046
1.250
0.625
0.375
0.036
3261I19
700
2.25
400
0.420
1.250
0.625
0.375
0.018
3261I20
1250
1.75
750
0.850
1.250
0.625
0.375
0.015
3261I21
1600
1.50
950
1.270
1.250
0.625
0.375
0.012
3261I22
125
7.75
65
0.032
1.812
0.75
0.750
0.064
3261I23
500
4.00
275
0.150
1.812
0.75
0.750
0.032
3261I24
1100
2.50
650
0.330
1.812
0.75
0.750
0.025
3261I25
2250
1.75
1350
0.920
1.812
0.75
0.750
0.018
3261I26
4500
1.25
2700
2.640
1.812
0.75
0.750
0.012
3261I27
250
8.00
125
0.041
2.125
0.937
0.625
0.062
3261I28
900
3.75
500
0.175
2.125
0.937
0.625
0.032
3261I29
1800
2.50
1000
0.550
2.125
0.937
0.625
0.023
3261I30
4000
1.75
2100
1.160
2.125
0.937
0.625
0.018
3261I31
8000
1.00
4500
3.340
2.125
0.937
0.625
0.012
B. General information:
C. Mechanical dimension:
1. Electrical spec. test condition: 1.0KHz / 1V. at 25°
C.
2. Current to cause temperature Rise: 40°
C. Max.
3. Low core loss, Low cost and high current capacity.
4. Operating temperature: -20°
C TO +105°C.
5. Insulation Resistance: 100M OHMS at 500VDC.
Custom specifications are available.
Note:
RoHS compliant; for the ROHS parts, we add “-LFR” at the end of the P/N.


Similar Part No. - 3261I25

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
3261I25LH FRONTIER-3261I25LH Datasheet
112Kb / 1P
HIGH CURRENT TOROID INDUCTORS
More results

Similar Description - 3261I25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2218 ETC1-2218 Datasheet
32Kb / 1P
high Current Toroid Inductors
logo
Bourns Electronic Solut...
5722 BOURNS-5722 Datasheet
474Kb / 1P
High Current Toroid Inductors
2206-V-RC BOURNS-2206-V-RC Datasheet
111Kb / 1P
High Current Toroid Inductors
2218-H-RC BOURNS-2218-H-RC Datasheet
111Kb / 1P
High Current Toroid Inductors
2221-H BOURNS-2221-H Datasheet
111Kb / 1P
High Current Toroid Inductors
2222-H BOURNS-2222-H Datasheet
111Kb / 1P
High Current Toroid Inductors
2111-H BOURNS-2111-H Datasheet
111Kb / 1P
High Current Toroid Inductors
2122-H BOURNS-2122-H Datasheet
117Kb / 1P
High Current Toroid Inductors
2322-H BOURNS-2322-H Datasheet
112Kb / 1P
High Current Toroid Inductors
2318-H-RC BOURNS-2318-H-RC Datasheet
112Kb / 1P
High Current Toroid Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com