Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D-120A Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # D-120A
Description  120W Dual Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

D-120A Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  D-120A Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. D-120A Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D-120A
D-120B
5V
5V
CH1
12V
CH2
24V
CH2
12A
6A
5A
4A
2~12A
2~10A
0.5~5A
0.4~4A
120W
126W
60mVp-p
120mVp-p
150mVp-p
60mVp-p
CH1:4.75~5.5V
2.0%
2.0%
6.0%
7.0%
0.5%
0.5%
1.0%
1.0%
0.5%
0.5%
5.0%
6.0%
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISE,HOLDTIME
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
INPUT
INRUSHCURRENT(max.)
LEAKAGECURRENT
SAFETY STANDARDS
HARMONICCURRENT
EMSIMMUNITY
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
ACCURRENT
200ms,50ms,20msatfullload
88~132VAC/176~264VACselectedbyswitch248~370VDC
47~63Hz
78%
80%
2.8A/115VAC1.6A/230VAC
COLDSTART 35A
<3.5mA /240VAC
105~135% ratedoutputpower
CH1:5.75~6.75VDC
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
Protectiontype: Shutdowno/pvoltage,re-powerontorecover
UL60950-1, TUVEN60950-1 Approved
-10~+60
(Refertooutputloadderatingcurve)
20~90%RHnon-condensing
-20~+85
,10~95%RH
0.03%/
(0~50
)on+5Voutput
10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes
272.8Khrsmin.MIL-HDBK-217F(25
)
199*110*50mm(L*W*H)
0.82Kg;16pcs/14.2Kg/0.95CUFT
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
FileName:D-120-SPEC2004-11-30
CompliancetoEN55022(CISPR22)ClassB
Complianceto EN61000-3-2,-3
CompliancetoEN61000-4-2,3,4,5,6,8,11;ENV50204,EN55024,Lightindustrylevel,criteria A
120WDualOutputSwitchingPowerSupply
AC input range selected by switch
Protections:Short circuit/Over load/Over voltage
Cooling by free air convection
100% full load burn-in test
Fixed switching frequency at 28KHz
2 years warranty
Features :
D - 1 2 0 series
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC
ENVIRONMENT
EMICONDUCTION&RADIATION
SAFETY &
EMC
(Note4)
PROTECTION
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
CH1
OUTPUTNUMBER


Similar Part No. - D-120A

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
D-120A XPPOWER-D-120A Datasheet
258Kb / 4P
   120W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
D-120A MEANWELL-D-120A Datasheet
461Kb / 2P
   120W Dual Output Switching Power Supply
More results

Similar Description - D-120A

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
AD-120 ASTRODYNE-AD-120 Datasheet
1Mb / 6P
   120W Dual Output Switching Power Supply
logo
XP Power Limited
D-120A XPPOWER-D-120A Datasheet
258Kb / 4P
   120W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
D-120 MEANWELL-D-120_10 Datasheet
461Kb / 2P
   120W Dual Output Switching Power Supply
HLG-120 MEANWELL-HLG-120_11 Datasheet
344Kb / 6P
   120W Single Output Switching Power Supply
HLG-120_1107 MEANWELL-HLG-120_1107 Datasheet
371Kb / 6P
   120W Single Output Switching Power Supply
HLG-120H-48A MEANWELL-HLG-120H-48A Datasheet
187Kb / 7P
   120W Single Output Switching Power Supply
EPS-120 MEANWELL-EPS-120 Datasheet
581Kb / 4P
   120W Single Output Switching Power Supply
logo
RSG Electronic Componen...
Q-120 RSG-Q-120 Datasheet
139Kb / 2P
   120W Quad Output Switching Power Supply
logo
Mean Well Enterprises C...
HLG-120H MEANWELL-HLG-120H Datasheet
345Kb / 6P
   120W Single Output Switching Power Supply
Q-120 MEANWELL-Q-120_10 Datasheet
684Kb / 2P
   120W Quad Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com