Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q-60 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # Q-60
Description  60W Quad Output Switching Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

Q-60 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  Q-60 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. Q-60 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
DeratingCurve
StaticCharacteristics
FileName:Q-60-SPEC 2008-03-10
CaseNo.901Unit:mm
AMBIENTTEMPERATURE(
)
INPUTVOLTAGE(V)60Hz
60
80
100
120
140
160
180
200
220
240
260
300
5.2
13
250
5.0
12
200
4.8
11
150
4.6
10
100
4.4
9
50
4.2
8
25
4.0
7
Ta=25
-10
-10
0
0
10
20
30
40
50
45
60
55
(VERTICAL)
(HORIZONTAL)
20
40
60
80
100
-12V
+5V
-5V
+12V
+12V
+5V
-5V
-12V
BlockDiagram
fosc:35KHz
4.5
152.5
4.5
150
6.5
3.5
78
24
159
22
117
2-M
3
3-M
3
TerminalPinNo. Assignment
PinNo.
PinNo.
1
5
2
6
3
7
8
4
Assignment
Assignment
FG
AC/L
AC/N
DCOUTPUT V3
DCOUTPUT COM
DCOUTPUT +V1
DCOUTPUT +V2
DCOUTPUT -V4
8
7
6
5
4
3
2
1
CIRCUIT
DETECTION
O.L.P.
EMI
FILTER
POWER
SWITCHING
REGULATOR
REGULATOR
+V1
+V2
V3
-V4
COM
I/P
FG
CONTROL
PWM
O.V.P.
RECTIFIERS
RECTIFIERS
RECTIFIERS
RECTIFIERS
RECTIFIERS
&
&
&
&
&
FILTER
FILTER
FILTER
FILTER
FILTER
60WQuadOutputSwitchingPowerSupply
Q - 6 0 series


Similar Part No. - Q-60

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
Q-60 TOTAL-POWER-Q-60 Datasheet
405Kb / 2P
60W Quad Output Switching Power Supply
logo
RSG Electronic Componen...
Q-60 RSG-Q-60 Datasheet
172Kb / 2P
60W Quad Output Switching Power Supply
logo
Mean Well Enterprises C...
Q-60 MEANWELL-Q-60 Datasheet
413Kb / 2P
60W Quad Output Switching Power Supply
logo
Total Power Internation...
Q-60B TOTAL-POWER-Q-60B Datasheet
405Kb / 2P
60W Quad Output Switching Power Supply
logo
RSG Electronic Componen...
Q-60B RSG-Q-60B Datasheet
172Kb / 2P
60W Quad Output Switching Power Supply
More results

Similar Description - Q-60

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
Q-60 TOTAL-POWER-Q-60 Datasheet
405Kb / 2P
60W Quad Output Switching Power Supply
logo
Mean Well Enterprises C...
CLG-60 MEANWELL-CLG-60 Datasheet
212Kb / 2P
60W Single Output Switching Power Supply
IQ-60 MEANWELL-IQ-60 Datasheet
416Kb / 2P
60W Isolated Quad Output Switching Power Supply
logo
RSG Electronic Componen...
IQ-60 RSG-IQ-60 Datasheet
186Kb / 2P
60W Isolated Quad Output Switching Power Supply
Q-60 RSG-Q-60 Datasheet
172Kb / 2P
60W Quad Output Switching Power Supply
S-60 RSG-S-60 Datasheet
166Kb / 2P
60W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
S-60 MEANWELL-S-60_10 Datasheet
415Kb / 2P
60W Single Output Switching Power Supply
IQ-60 MEANWELL-IQ-60_10 Datasheet
425Kb / 2P
60W Isolated Quad Output Switching Power Supply
Q-60 MEANWELL-Q-60_10 Datasheet
413Kb / 2P
60W Quad Output Switching Power Supply
NPF-60D MEANWELL-NPF-60D Datasheet
147Kb / 6P
60W Single Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com