Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q-250 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # Q-250
Description  250W Quad Output Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

Q-250 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  Q-250 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. Q-250 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. Q-250 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISE,HOLDUP TIME
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
ACCURRENT
INPUT
INRUSHCURRENT(max.)
LEAKAGECURRENT
SAFETY STANDARDS
SAFETY &
EMC
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
+5V
+12V
-12V
-5V
+5V
+15V
-15V
-5V
20A
7A
1A
1A
20A
5A
1A
1A
2~20A
0.5~7A
0.5~1A
0~1A
2~20A
0.5~5A
0.5~1A
0~1A
201W
195W
80mVp-p
120mVp-p
120mVp-p
50mVp-p
80mVp-p
150mVp-p
150mVp-p
50mVp-p
4.75~5.5V
4.75~5.5V
± 2.0%
+8,-10%
± 10%
± 6.0%
± 2.0%
± 10%
± 10%
± 6.0%
± 0.5%
± 1.0%
± 1.0%
± 1.0%
± 0.5%
± 1.0%
± 1.0%
± 1.0%
± 1.0%
± 6.0%
± 8.0%
± 2.0%
± 1.0%
± 8.0%
± 10%
± 2.0%
800ms,50ms,20msatfullload
90~132VAC/176~264VACSelectedbyswitch248~370VDC
47~63Hz
73%
74%
6A/115VAC3.5A/230VAC
COLDSTART 50A
<2mA /240VAC
105~150% ratedoutputpower
+5V:5.75~6.75V
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
UL60950-1approved
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC
-10~+60
(Refertooutputloadderatingcurve)
20~90%RHnon-condensing
-20~+85
,10~95%RH
± 0.03%/
(0~50
)
10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes
219.5Khrsmin.MIL-HDBK-217F(25
)
150*140*86mm(L*W*H)
1.4Kg;8pcs/11.5Kg/0.97CUFT
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
FileName:Q-250-SPEC2007-10-25
250WQuadOutputPowerSupply
Features :
Q - 2 5 0 series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
Q-250B
Q-250C
ENVIRONMENT
PROTECTION
AC input range selected by switch
Protections: Short circuit / Overload / Over voltage
Forced air cooling by built-in DC fan
100% full load burn-in test
Fixed switching frequency at 75KHz
Low cost
High reliability
2 years warranty


Similar Part No. - Q-250

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
Q-250 TOTAL-POWER-Q-250 Datasheet
352Kb / 2P
   250W Quad Output Power Supply
Q-250B TOTAL-POWER-Q-250B Datasheet
352Kb / 2P
   250W Quad Output Power Supply
Q-250C TOTAL-POWER-Q-250C Datasheet
352Kb / 2P
   250W Quad Output Power Supply
More results

Similar Description - Q-250

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
Q-250 TOTAL-POWER-Q-250 Datasheet
352Kb / 2P
   250W Quad Output Power Supply
logo
Mean Well Enterprises C...
S-250 MEANWELL-S-250_09 Datasheet
341Kb / 2P
   250W Single Output Switching Power Supply
S-250 MEANWELL-S-250 Datasheet
333Kb / 2P
   250W Single Output Switching Power Supply
logo
Total Power Internation...
S-250 TOTAL-POWER-S-250 Datasheet
408Kb / 2P
   250W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
HLG-240H-C MEANWELL-HLG-240H-C Datasheet
143Kb / 7P
   250W Single Output LED Power Supply
logo
List of Unclassifed Man...
R1J-250I1H2A0 ETC2-R1J-250I1H2A0 Datasheet
734Kb / 12P
   250W250W Redundant Power Supply
logo
MicroPower Direct, LLC
LDC-240 MPD-LDC-240 Datasheet
1Mb / 4P
   250W Output Power
logo
Texas Instruments
TPS43340-Q1 TI1-TPS43340-Q1_15 Datasheet
1Mb / 44P
[Old version datasheet]   Quad-Output Power Supply
logo
Tumbler Technologies + ...
TIPC250-FXG TRUMPOWER-TIPC250-FXG Datasheet
176Kb / 1P
   250W FlexATX IPC Power Supply
logo
Extech Instruments Corp...
382270 EXTECH-382270_15 Datasheet
151Kb / 1P
   Quad Output DC Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com