Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CB4/1 Datasheet(PDF) 5 Page - Altech corporation

Part # CB4/1
Description  HIGH TEMPERATURE CERAMIC EUROBLOCKS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

CB4/1 Datasheet(HTML) 5 Page - Altech corporation

  CB4/1 Datasheet HTML 1Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 1 page
background image
CENC4
CENC16
CENC35
BUSBAR SYSTEM
Panel Mount
A quick reliable solution for
ground, neutral or low
voltage distribution
applications. The Busbar
System consists of a
busbar, busbar supports,
and screw clamp terminals
for terminating wires
NEB 10 (10 x 3 mm) and
NEB 6 (6 x 6 mm), tin plated
copper busbars are
available in one meter
lengths. Both have a 140A
current carrying capacity.
NES plastic support with
fixing screws for holding 10
x 3 & 6 x 6 busbar makes
placing of busbar an easy
task. Busbars up to 200 mm
length should be supported
at ends by two busbar
supports. For busbars
exceeding 200 mm length,
it is recommended to
provide intermediate
busbar support. Easy to
operate CENC clamp
secures wire to the busbar.
Terminal Width
Height x Length
Stripping Length
Insulation Material
Type of Connection
Approvals
Wire Range
Current Rating*
Torque
Terminal Block
Busbar
(10 x 3 mm)
Busbar
(6 x 6 mm)
Plastic Support
with Fixing Screw
End Clamp/Bus bar
support for rail mounting
Marking Tags
(MT Type)
7.5 mm
9.8 mm
14.5 mm
30 x 23.3 mm
36 x 23.3 mm
45 x 27.3 mm
12 mm
16 mm
16 mm
Polyamide 6.6
Polyamide 6.6
Polyamide 6.6
1 screw clamp connection
1 screw clamp connection
1 screw clamp connection
22-12 AWG 0.5-6 sq.mm 22-12 AWG 9-6 AWG 6-16 sq.mm 10-6 AWG 7-2 AWG 10-35 sq.mm 8-2 AWG
25 A
41 A
76 A
76 A
125 A
125 A
14 lb-in
0.8 Nm
14 lb-in
14 lb-in 2.0 Nm 17.5 lb-in
25 lb-in 2.5 Nm 25 lb-in
Cat. No.
Std. Pk.
Cat. No.
Std. Pk.
Cat. No.
Std. Pk.
CENC4
50
CENC16
50
CENC35
50
NEB10
1 m
NEB10
1 m
NEB10
1 m
NEB6
1 m
NEB6
1 m
NEB6
1 m
NES
50
NES
50
NES
50
CA202
50
CA202
50
CA202
50
MT5
100
MT6
100
MT6
100
CUS
CUS
CUS
* 140A current carrying capacity of busbar should be taken
into account while connecting loads.
** Consult for other available colors.
Green Cap **
49
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com