Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CB4/1 Datasheet(PDF) 4 Page - Altech corporation

Part # CB4/1
Description  HIGH TEMPERATURE CERAMIC EUROBLOCKS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

CB4/1 Datasheet(HTML) 4 Page - Altech corporation

  CB4/1 Datasheet HTML 1Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 1 page
background image
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
48
EP CMB4
CMB4
MINI FEED-THROUGH
Panel Mount
For use when space constraints
require extremely compact
solutions and internal jumping is
required.
Individual components can be
used to build your own
assemblies. Just snap the
required number of terminal
block components together and
place a Mounting Section on
each end.
The CMB 4 accepts internal
jumpers and standard marking
tags.
• Extremely compact and
cost effective
• High density
• Screw-cage clamp
• Internal jumping provision
• Polyamide 6.6
• Standard color: gray
Terminal Width
Height x Length
Stripping Length
Insulation Material
Type of Connection
Approvals
Wire Range
Voltage Rating
Current Rating
Torque
Terminal Block
Mounting Section
Separator Plate
Mounting Screw*
Internal
Jumper
Insulated
Internal
Jumper
Current
Bars
Shorting Sleeve & Screw
External
Jumper
Marking Tags
(MT Type)
2 pole
3 pole
4 pole
10 pole
2 pole
3 pole
4 pole
10 pole
2 pole
3 pole
4 pole
10 pole
10 pole (breakable)
100 pole
2 pole
3 pole
4 pole
10 pole
6 mm
28 x 27 mm
9 mm
Polyamide 6.6
2screwclamps&1tappedholeforcrossconnection
22-10 AWG
0.5-4 sq.mm
22-10 AWG
300 V
400 V
300 V
35 A
32 A
35 A
7 lb-in
0.5 Nm
7 lb-in
Cat. No.
Std. Pk.
CMB4
100
EPCMB4
50
SPCMB4
100
CA727/2
100
CA727/3
50
CA727/4
50
CA727/10
10
CA747/2
100
CA747/3
50
CA747/4
50
CA747/10
10
CA703/1
100
CA704/1
100
CA705/1
100
CA732/10
100
CA732/10-A
100
CA732/100
10
CA607/S/Q
100
CA714/2
100
CA714/3
100
CA714/4
50
CA714/10
25
MT2
100
Dimensions mm (in.)
CMB4
Mounting Section
EPCMB4
No. of
Hole
Cat No.
Poles
Width (a)
Spacing (b)
CMB4/2
2
26 (1.02)
19 (0.75)
CMB4/3
3
32 (1.26)
25 (0.98)
CMB4/4
4
38 (1.50)
31 (1.22)
CMB4/5
5
44 (1.73)
37 (1.46)
CMB4/6
6
50 (1.97)
43 (1.69)
CMB4/7
7
56 (2.20)
49 (1.93)
CMB4/8
8
62 (2.44)
55 (2.17)
CMB4/9
9
68 (2.68)
61 (2.40)
CMB4/10
10
74 (2.91)
67 (2.64)
CMB4/11
11
80 (3.15)
73 (2.87)
CMB4/12
12
86 (3.39)
79 (3.11)
CMB4/13
13
92 (3.62)
85 (3.35)
CMB4/14
14
98 (3.86)
91 (3.58)
CMB4/15
15
104 (4.09)
97 (3.82)
CMB4/16
16
110 (4.33)
103 (4.06)
CMB4/17
17
116 (4.57)
109 (4.29)
CMB4/18
18
122 (4.80)
115 (4.53)
CMB4/19
19
128 (5.04)
121 (4.76)
CMB4/20
20
134 (5.28)
127 (5.00)
CMB4/21
21
140 (5.51)
133 (5.24)
CMB4/22
22
146 (5.75)
139 (5.47)
CMB4/23
23
152 (5.98)
145 (5.71)
CMB4/24
24
158 (6.22)
151 (5.94)
b
a
* Any length M3 screw may be used.
CUS
Preassembled blocks are
also available for quick
and easy installations.
See Dimensions below.



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com