Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CB4/2 Datasheet(PDF) 2 Page - Altech corporation

Part # CB4/2
Description  HIGH TEMPERATURE CERAMIC EUROBLOCKS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

CB4/2 Datasheet(HTML) 2 Page - Altech corporation

  CB4/2 Datasheet HTML 1Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 1 page
background image
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
46
CMT4S
CMT4
MINI FEED-THROUGH
15mm DIN Rail
For wire-to-wire connecting in
control, automation,
instrumentation and power
distribution applications.
Altech “miniature” terminal
blocks offer tremendous space
advantage as demanded by
certain wiring configurations.
FUSE BLOCKS
Certain electrical and control
systems require protection by
fuses. The terminal has a
hinged carrier that has a
specially designed space for a
cartridge type glass fuse of size
Ø5 x 20 or Ø5 x 25 mm. The
fuse can be engaged or
disengaged by the movement
of the carrier.
Altech fuse terminals are also
available with light indication -
CSFL 4U (L). A specially
designed built-in circuit gives
light indication in the event of
fuse blow out.
Fuses are sold separately
by Altech, see page 34
for details.
* Add required voltage to part
number as a suffix,
i.e. CSFL4U(L)/24 fo 24V DC
6 mm
29 x 46 mm
9 mm
Polyamide 6.6
2 screw clamps, 2 solder points
and 1 tapped hole for cross connection
—
22-12 AWG Upto 1.5 sq.mm 22-10 AWG
300 V
160 V
300 V
25 A
15 A
35 A
7 lb-in
0.5 Nm
7 lb-in
Cat. No.
Std. Pk.
CMT4S
50
EPCMT4
50
PPCMT4
50
CA602
50
CA727/2
100
CA727/3
50
CA727/4
50
CA727/10
10
CA747/2
100
CA747/3
50
CA747/4
50
CA747/10
10
CA703/1
100
CA704/1
100
CA705/1
100
CA732/10
100
CA732/10-A
100
CA732/100
10
CA607/S/Q
100
CA714/2
100
CA714/3
100
CA714/4
50
CA714/10
25
MT2
100
Terminal Width
Height x Length
Stripping Length
Insulation Material
Type of Connection
Type of Fuse Used
Approvals
Wire Range
Voltage Rating
Current Rating
Torque
Terminal Block
End Plate
Isolation Partition
DIN Rail
for ordering information
refer to page 62
End Stop
for ordering information
refer to page 63
Internal
Jumper
Insulated
Internal
Jumper
Current
Bars
Shorting Sleeve & Screw
External
Jumper
Marking Tags
(MT Type)
(MT Type on Lever)
6 mm
29 x 27 mm
9 mm
Polyamide 6.6
2 screw clamps & 1 tapped hole
for cross connection
—
22-10 AWG
0.5-4 sq.mm
22-10 AWG
300 V
400 V
300 V
35 A
32 A
35 A
6 lb-in
0.5 Nm
7 lb-in
Cat. No.
Std. Pk.
CMT4
100
EPCMT4
50
PPCMT4
50
CA602
100
CA727/2
100
CA727/3
50
CA727/4
50
CA727/10
10
CA747/2
100
CA747/3
50
CA747/4
50
CA747/10
10
CA703/1
100
CA704/1
100
CA705/1
100
CA732/10
100
CA732/10-A
100
CA732/100
10
CA607/S/Q
100
CA714/2
100
CA714/3
100
CA714/4
50
CA714/10
25
MT2
100
2 pole
3 pole
4 pole
10 pole
2 pole
3 pole
4 pole
10 pole
2 pole
3 pole
4 pole
10 pole
CUS
CUS
2 pole
3 pole
4 pole
10 pole
10 pole (breakable)
100 pole



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com