Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2000AI Datasheet(PDF) 127 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # XIO2000AI
Description  PCI Express to PCI Bus Translation Bridge
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

XIO2000AI Datasheet(HTML) 127 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button XIO2000AI Datasheet HTML 123Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS XIO2000AI Datasheet HTML 124Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS XIO2000AI Datasheet HTML 125Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS XIO2000AI Datasheet HTML 126Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS XIO2000AI Datasheet HTML 127Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS XIO2000AI Datasheet HTML 128Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS XIO2000AI Datasheet HTML 129Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS XIO2000AI Datasheet HTML 130Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS XIO2000AI Datasheet HTML 131Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 159 page
background image
PCI Express Extended Configuration Space
117
April 2007 Revised October 2008
SCPS155C
5.28 Port Arbitration Table (VC1)
The port arbitration table is provided to allow software to define round-robin weighting for traffic entering the
PCI interface. The table is divided into 128 phases.
PCI Express extended register offset:
1C0h 1FCh
Register type:
Read/Write
Default value:
0000 0000h
Table 5−25. Port Arbitration Table
REGISTER FORMAT
OFFSET
Phase 7
Phase 6
Phase 5
Phase 4
Phase 3
Phase 2
Phase 1
Phase 0
1C0h
Phase 15
Phase 14
Phase 13
Phase 12
Phase 11
Phase 10
Phase 9
Phase 8
1C4h
Phase 23
Phase 22
Phase 21
Phase 20
Phase 19
Phase 18
Phase 17
Phase 16
1C8h
Phase 31
Phase 30
Phase 29
Phase 28
Phase 27
Phase 26
Phase 25
Phase 24
1CCh
Phase 39
Phase 38
Phase 37
Phase 36
Phase 35
Phase 34
Phase 33
Phase 32
1D0h
Phase 47
Phase 46
Phase 45
Phase 44
Phase 43
Phase 42
Phase 41
Phase 40
1D4h
Phase 55
Phase 54
Phase 53
Phase 52
Phase 51
Phase 50
Phase 49
Phase 48
1D8h
Phase 63
Phase 62
Phase 61
Phase 60
Phase 59
Phase 58
Phase 57
Phase 56
1DCh
Phase 71
Phase 70
Phase 69
Phase 68
Phase 67
Phase 66
Phase 65
Phase 64
1E0h
Phase 79
Phase 78
Phase 77
Phase 76
Phase 75
Phase 74
Phase 73
Phase 72
1E4h
Phase 87
Phase 86
Phase 85
Phase 84
Phase 83
Phase 82
Phase 81
Phase 80
1E8h
Phase 95
Phase 94
Phase 93
Phase 92
Phase 91
Phase 90
Phase 89
Phase 88
1ECh
Phase 103
Phase 102
Phase 101
Phase 100
Phase 99
Phase 98
Phase 97
Phase 96
1F0h
Phase 111
Phase 110
Phase 109
Phase 108
Phase 107
Phase 106
Phase 105
Phase 104
1F4h
Phase 119
Phase 118
Phase 117
Phase 116
Phase 115
Phase 114
Phase 113
Phase 112
1F8h
Phase 127
Phase 126
Phase 125
Phase 124
Phase 123
Phase 122
Phase 121
Phase 120
1FCh
Each phase consists of a four-bit field as indicated below.
BIT NUMBER
3
2
1
0
RESET STATE
0
0
0
0
Table 5−26. Port Arbitration Table Entry Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
3:0
PORT_SELECT
RW
Port arbitration select. This 4-bit field is used by software to identify the port ID (secondary PCI
device) that must be allocated to this slot of arbitration bandwidth depending upon the port
arbitration scheme enabled. The default value for this field is 0h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com