Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T-10155 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # T-10155
Description  Single Dual T1/CEPT Transformers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

T-10155 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  T-10155 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NAME:
RHOMBUS INDUSTRIES INC.
FSCM NO. 16714
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
Rhombus
Transformers & Magnetic Products
Industries Inc.
1 OF 1
T-10200
T1/CEPT PULSE TRANSFORMER
SCHEMATIC DIAGRAM:
PHYSICAL DIMENSIONS
All dimensions in inches (mm):
2/19/96
PARAMETER
MIN.
MAX.
UNITS
Open Circuit Inductance
1.2
mHy
Oscillation Voltage = 20mV
Oscillation Frequency = 100.0 KHz
Leakage Inductance
0.50
µHy
Oscillation Level = 20mV
Oscillation Frequency = 100.0 KHz
Interwinding Capacitance (C
W/W)
25
pF
Oscillation Frequency = 100.0 KHz
Primary DC Resistance
0.7
ohms
Secondary DC Resistance
0.7
ohms
Isolation (HI-POT)
1.5 Kv
VRMS
Turns Ratio ( + 5% )
1:1:1
R
UL 1459 Recognized
Flammability: Materials used in
the production of these units
meet requirements of UL94-VO
and IEC 695-2-2 needle flame
test.
Temperature Characteristics:
-40o C 700
µH min. (40% drop in
inductance)
+85o C 1.4 mH min. (15% growth in
inductance)
Typical part:
1.7 mH @ +25o C
2.0 mH @ +85o C
1.0 mH @ -40o C
Parts shipped in anti-static
tubes. 50 pieces per tube
www.rhombus-ind.com


Similar Part No. - T-10155

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-10151 RHOMBUS-IND-T-10151 Datasheet
31Kb / 1P
   T1/CEPT/ISDN PRI INTERFACE TRANSFORMER
T-10158 RHOMBUS-IND-T-10158 Datasheet
30Kb / 1P
   T1/CEPT/ISDN PRI INTERFACE TRANSFORMER
More results

Similar Description - T-10155

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-14700 RHOMBUS-IND-T-14700 Datasheet
46Kb / 1P
   Single T1/CEPT Transformers
T-16700 RHOMBUS-IND-T-16700 Datasheet
43Kb / 1P
   T1/CEPT Transformers
logo
Bel Fuse Inc.
0553-0013-1J BEL-0553-0013-1J Datasheet
34Kb / 2P
   T1/CEPT Dual Line Interface Transformers
logo
Bourns Electronic Solut...
SM75225 BOURNS-SM75225 Datasheet
173Kb / 1P
   T1/CEPT/ISDN-PRI Dual Transformers
logo
Nuvotem Talema
IS2M-6 TALEMA-IS2M-6 Datasheet
45Kb / 1P
   E1/T1/ PRI/CEPT Single Transformers
logo
XFMRS Inc.
1101 XFMRS-1101_15 Datasheet
39Kb / 1P
   DUAL T1/CEPT/ISDN-PRI TRANSFORMERS
1109 XFMRS-1109_15 Datasheet
55Kb / 1P
   DUAL T1 / CEPT / ISDN - PRI TRANSFORMERS
logo
Bel Fuse Inc.
0553-6500-17 BEL-0553-6500-17 Datasheet
36Kb / 2P
   T1/CEPT Single Line Interface Transformers
logo
Nuvotem Talema
19649 TALEMA-19649 Datasheet
38Kb / 1P
   E1/T1/PRI/CEPT Single Interface Transformers
logo
XFMRS Inc.
XF0013SGR2 XFMRS-XF0013SGR2_15 Datasheet
54Kb / 1P
   SINGLE PORT T1/CEPT/ISDN-PRI TRANSFORMERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com