Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M-109A Datasheet(PDF) 1 Page - Merrimac Industries, Inc.

Part # M-109A
Description  BIPHASE MODULATOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERRIMAC [Merrimac Industries, Inc.]
Direct Link  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

M-109A Datasheet(HTML) 1 Page - Merrimac Industries, Inc.

  M-109A Datasheet HTML 1Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TO-5 Package Outline
M-109A
BIPHASE MODULATOR
Forfurtheri
nformati
oncontact
M ERRIM AC /41 FairfieldPl.,W estCaldw ell,NJ,07006 /973-575-1300 /FAX 973-575-0531
General Notes:
1. The M-109A Biphase modulator covers the frequency range of 10 to 1000 MHz using broadband ferrite core transformers and specially
selected diodes.
2. The M-109A is usable up to 1000 MHz while certain custom units are available for frequency ranges up to 4 GHz. The TO-5 package
used in the M-109A is ideal where space is critical.
3. Merrimac offers a broad selection of Biphase Modulators for a variety of signal processing functions with frequencies and bandwidths
available for most applications from routine to very special.
4. Merrimac Biphase Modulators comply with MIL-M-28837 and may be supplied screened for compliance with additional specifications
for military and space applications requiring the highest reliability.
PRINCIPAL SPECIFICATIONS
Frequency
Insertion
Phase
Carrier
Data Signal
Amplitude
Model
Range,
Loss, dB,
VSWR,
Deviation, Suppression,
Level, mA,
Balance,
Number
MHz
Typ.
Max.
Max.
Max.
dB, Typ.
Logic 0 Logic 1
dB, Max.
M-109A
10 - 1000
2.5*
4.0*
2:1*
±3° *
35**
-15
+15
-3
*Applies 10 - 500 MHz only.
**With 100 MHz RF and 1 MHz modulation
GENERAL SPECIFICATIONS
Package type:
TO-5
Impedance:
50
Ω nom.
Weight:
0.07 oz. (2 g)
Operating Temperature: – 55° to +85°C
NOTES:
1. Tolerance on 3 place decimals
±.010(.25) except as noted.
2. Dimensions in inches over millimeters.
22Feb96
10 to1000 MHz/1° PhaseDeviation(typ)/0.1 dB AmplitudeBal.(typ)


Similar Part No. - M-109A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M-1005 VISHAY-M-1005 Datasheet
104Kb / 4P
   High Reliability Thick Film Resistor,Surface Mount Chip
Revision: 07-Aug-14
M-1010 VISHAY-M-1010 Datasheet
104Kb / 4P
   High Reliability Thick Film Resistor,Surface Mount Chip
Revision: 07-Aug-14
logo
Switchcraft, Inc.
M-1018 SWITCH-M-1018 Datasheet
836Kb / 1P
   MOUNTING HARDWARE
M-1018 SWITCH-M-1018 Datasheet
174Kb / 3P
   MOUNTING HAREDWARE
M-1018 SWITCH-M-1018 Datasheet
174Kb / 3P
   MOUNTING HARDWARE
More results

Similar Description - M-109A

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
BTF-2A-500 MERRIMAC-BTF-2A-500 Datasheet
76Kb / 1P
   BIPHASE MODULATOR
BTM-2A-250 MERRIMAC-BTM-2A-250 Datasheet
113Kb / 1P
   BIPHASE MODULATOR
BPG-2B-505 MERRIMAC-BPG-2B-505 Datasheet
71Kb / 1P
   BIPHASE MODULATOR
BPG-2A-500 MERRIMAC-BPG-2A-500 Datasheet
96Kb / 1P
   BIPHASE MODULATOR
BTG-2B-500 MERRIMAC-BTG-2B-500 Datasheet
76Kb / 1P
   BIPHASE MODULATOR
BPF-2A-250 MERRIMAC-BPF-2A-250 Datasheet
162Kb / 1P
   BIPHASE MODULATORS
BEM-2A-250 MERRIMAC-BEM-2A-250 Datasheet
258Kb / 1P
   BIPHASE MODULATORS
BPP-2N-500 MERRIMAC-BPP-2N-500 Datasheet
144Kb / 1P
   BIPHASE MODULATORS
BPM-2A-250 MERRIMAC-BPM-2A-250 Datasheet
186Kb / 1P
   BIPHASE MODULATORS
logo
Semtech Corporation
SC2422A SEMTECH-SC2422A Datasheet
114Kb / 10P
   BIPHASE CURRENT MODE CONTROLLER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com