Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T-1000 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # T-1000
Description  HDSL Application Pulse Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

T-1000 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  T-1000 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
Rhombus
Transformers & Magnetic Products
Industries Inc.
www.rhombus-ind.com
01/23/98
Schematic Diagram
PARAMETER
UNITS
Turns Ratio (PRI : SEC)
2 : 1
+ 1%
Inductance
3.0
+ 6%
mH
Primary DCR (9-6) shorted 8,7
2.56
+10%
Secondary DCR (2-4)
0.85
+10%
Isolation (Hi-Pot)
1500
V
RMS
Return Loss:
40 kHz - 200 kHz
20 min.
dB
Longitudinal
Balance
40 kHz - 200 kHz
53 min.
dB
Frequency
40 kHz - 200 kHz
0.1
+
dB
Response
Insertion Loss at 200 kHz
0.40 max.
dB
Total Harmonic
-70 max.
dB
Distortion
HDSL Application
Pulse Transformer
P/N T-1000
Compatible with
Brooktree BT 8921
784 kbps
Notch on bobbin indicates pin #1
Physical Dimensions in inches (mm)
Operating Temperature: -40oC to +85oC.
2
4
7
6
9
8
PRI
SEC


Similar Part No. - T-1000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
T-1000 MACOM-T-1000 Datasheet
126Kb / 1P
   Two-Way Power Divider 10 - 1000 MHz
logo
M/A-COM Technology Solu...
T-1000 MA-COM-T-1000 Datasheet
63Kb / 2P
   Two-Way Power Divider, 10 - 1000 MHz
T-1000 MA-COM-T-1000 Datasheet
63Kb / 2P
   Two-Way Power Divider
logo
Bourns Electronic Solut...
T-1000-ALX-SG BOURNS-T-1000-ALX-SG Datasheet
173Kb / 1P
   Sparctube Products
logo
Tyco Electronics
T-1000BNC MACOM-T-1000BNC Datasheet
126Kb / 1P
   Two-Way Power Divider 10 - 1000 MHz
More results

Similar Description - T-1000

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-910 RHOMBUS-IND-T-910 Datasheet
29Kb / 1P
   DDS Application Pulse Transformer
T-710-5 RHOMBUS-IND-T-710-5 Datasheet
29Kb / 1P
   DDS Application Pulse Transformer
T-909 RHOMBUS-IND-T-909 Datasheet
29Kb / 1P
   DDS Application Pulse Transformer
logo
XFMRS Inc.
XF1313-16HD XFMRS-XF1313-16HD Datasheet
44Kb / 1P
   HDSL TRANSFORMER
logo
PCA ELECTRONICS INC.
EPB5050 PCA-EPB5050 Datasheet
19Kb / 1P
   HDSL Transformer
logo
XFMRS Inc.
XF1313-24HDS XFMRS-XF1313-24HDS_15 Datasheet
74Kb / 1P
   HDSL TRANSFORMER
XF1313-16HD XFMRS-XF1313-16HD Datasheet
44Kb / 1P
   HDSL TRANSFORMER
XF1010-AD14S XFMRS-XF1010-AD14S Datasheet
40Kb / 1P
   HDSL TRANSFORMER
XF1313-4HD XFMRS-XF1313-4HD Datasheet
61Kb / 1P
   HDSL TRANSFORMER
XF1313-14HDS XFMRS-XF1313-14HDS Datasheet
66Kb / 1P
   HDSL TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com