Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T-1014G Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # T-1014G
Description  RADSL Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

T-1014G Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  T-1014G Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
Rhombus
Transformers & Magnetic Products
Industries Inc.
FSCM No.
16714
1 of 1
01/02/98
T-1014G
GLOBESPAN
RADSL Transformer
Reinforced Insulation Per
EN 41003/EN 60950
Parameter
Min.
Max.
Units
Turns Ratio (1-3) : (10-7) with 8 & 9 shorted
1 : 2.76
1 : 3.05
Turns Ratio (2-4) : (10-7) with 8 & 9 shorted
1 : 0.97
1 : 1.03
Primary Inductance
50
60
µH
Pins 1-3, All others windings open
Leakage Inductance(1)
.85
µH
Leakage Inductance(2)
5
µH
Interwinding Capacitance(3)
30
pF
Interwinding Capacitance(4)
35
pF
Resistance pins (1-3)
0.5
ohms
Resistance pins (2-4)
2.0
ohms
Resistance pins (7-10)
2.0
ohms
with 8-9 shorted
Isolation (Hi-Pot)
3000
V
RMS
DC Bias
2
mA
Insertion Loss 35 kHz to 1.0 MHz
0.5
dB
Longitudinal Balance 35 KHz to 650 KHz
-60
dB
Signal Voltage (secondary)
20
Vp-p
THD, Total Harmonic Distortion
-80
dB
15 Vp-p @ 100 KHz at (7-10) with 8,9 shorted
1. Tested at 100 KHz & 100 mV (1-3)
with 2,4 open 7,8,9,10 shorted
2. Tested at 100 KHz & 100 mV (2-4)
with 1,3 open 7,8,9,10 shorted
3. Tested at 100 KHz & 100 mV (1-3) to
(7-10) with 8,9 shorted
4. Tested at 100 KHz & 100 mV (2-4) to
(7-10) with 8,9 shorted
Physical Dimensions
inches (mm)
Suggested Solder Pad Layout
.148
(3.75)
TYP.
.039
(1.00)
TYP.
.385
(9.77)
.854
(21.7)
MAX.
.1.09
(27.7)
.81
(20.6)
.827
(21.0)
.012
(0.30)
TYP.
.07
(1.80)
.148
(3.75)
.787
(20.0)
.079
(2.0)
.11
(2.8)
10
9
8
7
6
1
2
345
1
3
10
8
2
4
9
7
Schematic Diagram


Similar Part No. - T-1014G

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-1014 RHOMBUS-IND-T-1014 Datasheet
29Kb / 1P
   RADSL Transformer
T-10148 RHOMBUS-IND-T-10148 Datasheet
81Kb / 1P
   Single Dual T1/CEPT Transformers
T-10148 RHOMBUS-IND-T-10148 Datasheet
31Kb / 1P
   T1/CEPT/ISDN PRI INTERFACE TRANSFORMER
T-10149 RHOMBUS-IND-T-10149 Datasheet
81Kb / 1P
   Single Dual T1/CEPT Transformers
T-10149 RHOMBUS-IND-T-10149 Datasheet
30Kb / 1P
   T1/CEPT/ISDN PRI INTERFACE TRANSFORMER
More results

Similar Description - T-1014G

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-1016G RHOMBUS-IND-T-1016G Datasheet
26Kb / 1P
   RADSL Transformer
logo
PCA ELECTRONICS INC.
EPB5021 PCA-EPB5021 Datasheet
17Kb / 1P
   RADSL Interface Transformer
logo
List of Unclassifed Man...
T-1016G ETC-T-1016G Datasheet
22Kb / 1P
   RADSL Transformer
logo
Rhombus Industries Inc.
T-1014 RHOMBUS-IND-T-1014 Datasheet
29Kb / 1P
   RADSL Transformer
T-891 RHOMBUS-IND-T-891 Datasheet
32Kb / 1P
   RADSL Transformer
T-1016 RHOMBUS-IND-T-1016 Datasheet
29Kb / 1P
   RADSL Transformer
T-890 RHOMBUS-IND-T-890 Datasheet
32Kb / 1P
   RADSL Transformer
T-890G RHOMBUS-IND-T-890G Datasheet
35Kb / 1P
   RADSL Transformer
T-891G RHOMBUS-IND-T-891G Datasheet
35Kb / 1P
   RADSL Transformer
logo
Bel Fuse Inc.
2808D BEL-2808D Datasheet
30Kb / 2P
   RADSL MAGNETICS Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com