Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T-10158 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # T-10158
Description  T1/CEPT/ISDN PRI INTERFACE TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

T-10158 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  T-10158 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
Rhombus
Transformers & Magnetic Products
Industries Inc.
1 OF 1
2/23/98
T-10158
SCHEMATIC DIAGRAM:
T1/CEPT/ISDN PRI
INTERFACE
TRANSFORMER
PHYSICAL DIMENSIONS
All dimensions in inches (mm):


0$;


0$;


0,1


 ',$

7<3
7<3
0$;


 $:*


Unused pins not provided
www.rhombus-ind.com
Flammability: Materials used in
the production of these units
meet requirements of UL94-VO
and IEC 695-2-2 needle flame
test.
Surface mount version of this part
available. Part# T-11058
Parts shipped in anti-static
tubes. 33 pieces per tube
1500 V
RMS Isolation (Hi-Pot)
Primary Pins 14-12 & 5-7
Turns Ratio ( + 5% )
1:1.15CT & 1:2CT
PARAMETER
MIN.
MAX.
UNITS
OCL (Primary)
1.5 & 1.2
mH
Leakage Inductance
0.6
µH
Capacitance (C
W/W
)40
pF
Primary DC Resistance
0.7
ohms
Secondary DC Resistance
0.9 & 1.1
ohms
ET Product
10
V
µS


Similar Part No. - T-10158

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-10150 RHOMBUS-IND-T-10150 Datasheet
81Kb / 1P
   Single Dual T1/CEPT Transformers
T-10151 RHOMBUS-IND-T-10151 Datasheet
81Kb / 1P
   Single Dual T1/CEPT Transformers
T-10151 RHOMBUS-IND-T-10151 Datasheet
31Kb / 1P
   T1/CEPT/ISDN PRI INTERFACE TRANSFORMER
T-10152 RHOMBUS-IND-T-10152 Datasheet
81Kb / 1P
   Single Dual T1/CEPT Transformers
T-10153 RHOMBUS-IND-T-10153 Datasheet
81Kb / 1P
   Single Dual T1/CEPT Transformers
More results

Similar Description - T-10158

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-14404 RHOMBUS-IND-T-14404 Datasheet
30Kb / 1P
   T1/CEPT/ISDN PRI INTERFACE TRANSFORMER
T-10151 RHOMBUS-IND-T-10151 Datasheet
31Kb / 1P
   T1/CEPT/ISDN PRI INTERFACE TRANSFORMER
T-14119 RHOMBUS-IND-T-14119 Datasheet
30Kb / 1P
   T1/CEPT/ISDN PRI Interface Transformer
T-14187 RHOMBUS-IND-T-14187 Datasheet
26Kb / 1P
   T1/CEPT/ISDN PRI Interface Transformer
T-14107 RHOMBUS-IND-T-14107 Datasheet
26Kb / 1P
   T1/CEPT/ISDN PRI Interface Transformer
T-14110 RHOMBUS-IND-T-14110 Datasheet
31Kb / 1P
   T1/CEPT/ISDN PRI Interface Transformer
T-14505 RHOMBUS-IND-T-14505 Datasheet
24Kb / 1P
   T1/CEPT/ISDN PRI INTERFACE TRANSFORMER
T-15801G RHOMBUS-IND-T-15801G Datasheet
26Kb / 1P
   T1/CEPT/ISDN PRI INTERFACE TRANSFORMER
T-15808 RHOMBUS-IND-T-15808 Datasheet
25Kb / 1P
   T1/CEPT/ISDN PRI INTERFACE TRANSFORMER
T-15808G RHOMBUS-IND-T-15808G Datasheet
26Kb / 1P
   T1/CEPT/ISDN PRI INTERFACE TRANSFORMER
T-15810 RHOMBUS-IND-T-15810 Datasheet
26Kb / 1P
   T1/CEPT/ISDN PRI INTERFACE TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com