Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7263BHx Datasheet(PDF) 121 Page - STMicroelectronics

Part # ST7263BHx
Description  Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BHx Datasheet(HTML) 121 Page - STMicroelectronics

Back Button ST7263BHx Datasheet HTML 117Page - STMicroelectronics ST7263BHx Datasheet HTML 118Page - STMicroelectronics ST7263BHx Datasheet HTML 119Page - STMicroelectronics ST7263BHx Datasheet HTML 120Page - STMicroelectronics ST7263BHx Datasheet HTML 121Page - STMicroelectronics ST7263BHx Datasheet HTML 122Page - STMicroelectronics ST7263BHx Datasheet HTML 123Page - STMicroelectronics ST7263BHx Datasheet HTML 124Page - STMicroelectronics ST7263BHx Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 186 page
background image
ST7263Bxx
On-chip peripherals
Doc ID 7516 Rev 8
121/186
I²C Status register 2 (SR2)
Reset value: 0000 0000 (00h)
7
0
0
0
0
AF
STOPF
ARLO
BERR
GCAL
Read only
[7:5] Reserved. Forced to 0 by hardware.
4 AF Acknowledge failure.
This bit is set by hardware when no acknowledge is returned. An interrupt is
generated if ITE=1. It is cleared by software reading SR2 register or by hardware
when the interface is disabled (PE=0).
0: No acknowledge failure
1: Acknowledge failure
Note: While AF=1, the SCL line may be held low due to SB or BTF flags that are
set at the same time. It is then necessary to release both lines by software.
3 STOPF Stop detection (Slave mode).
This bit is set by hardware when a Stop condition is detected on the bus after an
acknowledge (if ACK=1). An interrupt is generated if ITE=1. It is cleared by
software reading SR2 register or by hardware when the interface is disabled
(PE=0).
The SCL line is not held low while STOPF=1.
0: No Stop condition detected
1: Stop condition detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com