Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7263BHx Datasheet(PDF) 143 Page - STMicroelectronics

Part # ST7263BHx
Description  Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BHx Datasheet(HTML) 143 Page - STMicroelectronics

Back Button ST7263BHx Datasheet HTML 139Page - STMicroelectronics ST7263BHx Datasheet HTML 140Page - STMicroelectronics ST7263BHx Datasheet HTML 141Page - STMicroelectronics ST7263BHx Datasheet HTML 142Page - STMicroelectronics ST7263BHx Datasheet HTML 143Page - STMicroelectronics ST7263BHx Datasheet HTML 144Page - STMicroelectronics ST7263BHx Datasheet HTML 145Page - STMicroelectronics ST7263BHx Datasheet HTML 146Page - STMicroelectronics ST7263BHx Datasheet HTML 147Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 186 page
background image
ST7263Bxx
Electrical characteristics
Doc ID 7516 Rev 8
143/186
Figure 56.
Typ. IDD in Wait at fCPU= 4 and 8 MHz
13.5
Clock and timing characteristics
Subject to general operating conditions for VDD, fCPU, and TA.
Idd WFI (mA) at fcpu=4 and 8MHz
0
2
4
6
8
10
4
4.2
4.4
4.6
4.8
5
5.2
5.4
Vdd (V)
8MHz
4MHz
ai15594
Table 61.
General timings
Symbol
Parameter
Conditions
Min
Typ(1)
1.
Data based on typical application software.
Max
Unit
tc(INST) Instruction cycle time
fCPU=8 MHz
23
12
tCPU
250
375
1500
ns
tv(IT)
Interrupt reaction time(2)
tv(IT) = Δtc(INST) + 10 tCPU
2.
Time measured between interrupt event and interrupt vector fetch.
Δt
c(INST) is the number of tCPU cycles
needed to finish the current instruction execution.
fCPU=8 MHz
10
-
22
tCPU
1.25
-
2.75
μs
Table 62.
Control timing characteristics
Symbol
Parameter
Conditions
Value
Unit
Min
Typ.
Max
fOSC
Oscillator frequency
-
-
24
MHz
fCPU
Operating frequency
-
-
8
MHz
tRL
External reset input pulse width
2520
-
-
ns
tPORL
Internal power reset duration
4096
-
-
tCPU
tWDGL
Watchdog or low voltage reset
output pulse width
200
300
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com