Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7263BHx Datasheet(PDF) 159 Page - STMicroelectronics

Part # ST7263BHx
Description  Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BHx Datasheet(HTML) 159 Page - STMicroelectronics

Back Button ST7263BHx Datasheet HTML 155Page - STMicroelectronics ST7263BHx Datasheet HTML 156Page - STMicroelectronics ST7263BHx Datasheet HTML 157Page - STMicroelectronics ST7263BHx Datasheet HTML 158Page - STMicroelectronics ST7263BHx Datasheet HTML 159Page - STMicroelectronics ST7263BHx Datasheet HTML 160Page - STMicroelectronics ST7263BHx Datasheet HTML 161Page - STMicroelectronics ST7263BHx Datasheet HTML 162Page - STMicroelectronics ST7263BHx Datasheet HTML 163Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 186 page
background image
ST7263Bxx
Electrical characteristics
Doc ID 7516 Rev 8
159/186
13.10.2
SCI interface
Subject to general operating condition for VDD, fCPU, and TA unless otherwise specified.
Refer to I/O port characteristics for more details on the input/output alternate function
characteristics (RDI and TDO).
Table 74.
USB low-speed electrical characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
Driver characteristics:
-
-
tr
Rise time
CL=50 pF
(1)
1.
For more detailed information, please refer to Chapter 7 (Electrical) of the USB specification (version 1.1).
75
-
ns
CL=600 pF
(1)
-300
ns
tf
Fall Time
CL=50 pF
(1)
75
-
ns
CL=600 pF
(1)
-300
ns
trfm
Rise/ fall time matching
tr/tf
80
120
%
VCRS
Output signal crossover voltage
1.3
2.0
V
Table 75.
SCI characteristics
Symbol
Parameter
Conditions
Standard
Baud
Rate
Unit
fCPU
Accuracy
vs.
standard
Prescaler
fTx
fRx
Communication
frequency
8MHz ~0.16%
Conventional mode
TR (or RR)=128, PR=13
TR (or RR)= 32, PR=13
TR (or RR)= 16, PR=13
TR (or RR)= 8, PR=13
TR (or RR)= 4, PR=13
TR (or RR)= 16, PR= 3
TR (or RR)= 2, PR=13
TR (or RR)= 1, PR=13
300
1200
2400
4800
9600
10400
19200
38400
~300.48
~1201.92
~2403.84
~4807.69
~9615.38
~10416.67
~19230.77
~38461.54
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com