Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 143 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 143 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 139Page - STMicroelectronics STM32W108CB Datasheet HTML 140Page - STMicroelectronics STM32W108CB Datasheet HTML 141Page - STMicroelectronics STM32W108CB Datasheet HTML 142Page - STMicroelectronics STM32W108CB Datasheet HTML 143Page - STMicroelectronics STM32W108CB Datasheet HTML 144Page - STMicroelectronics STM32W108CB Datasheet HTML 145Page - STMicroelectronics STM32W108CB Datasheet HTML 146Page - STMicroelectronics STM32W108CB Datasheet HTML 147Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 179 page
background image
STM32W108CB, STM32W108HB
Interrupts
Doc ID 16252 Rev 2
143/179
10
Interrupts
The STM32W108's interrupt system is composed of two parts: a standard ARM® Cortex-
M3 Nested Vectored Interrupt Controller (NVIC) that provides top level interrupts, and an
Event Manager (EM) that provides second level interrupts. The NVIC and EM provide a
simple hierarchy. All second level interrupts from the EM feed into top level interrupts in the
NVIC. This two-level hierarchy allows for both fine granular control of interrupt sources and
coarse granular control over entire peripherals, while allowing peripherals to have their own
interrupt vector.
The Section 10.3: Nested vectored interrupt controller (NVIC) interrupts provides a
description of the NVIC and an overview of the exception table (ARM nomenclature refers to
interrupts as exceptions) and Section 10.2: Event manager provides a more detailed
description of the Event Manager including a table of all top-level peripheral interrupts and
their second-level interrupt sources.
In practice, top-level peripheral interrupts are only used to enable or disable interrupts for an
entire peripheral. Second-level interrupts originate from hardware sources, and therefore
are the main focus of applications using interrupts.
10.1
Nested vectored interrupt controller (NVIC)
The ARM® Cortex-M3 Nested Vectored Interrupt Controller (NVIC) facilitates low-latency
exception and interrupt handling. The NVIC and the processor core interface are closely
coupled, which enables low-latency interrupt processing and efficient processing of late
arriving interrupts. The NVIC also maintains knowledge of the stacked (nested) interrupts to
enable tail-chaining of interrupts.
The ARM® Cortex-M3 NVIC contains 10 standard interrupts that are related to chip and
CPU operation and management. In addition to the 10 standard interrupts, it contains 17
individually vectored peripheral interrupts specific to the STM32W108.
The NVIC defines a list of exceptions. These exceptions include not only traditional
peripheral interrupts, but also more specialized events such as faults and CPU reset. In the
ARM® Cortex-M3 NVIC, a CPU reset event is considered an exception of the highest
priority, and the stack pointer is loaded from the first position in the NVIC exception table.
The NVIC exception table defines all exceptions and their position, including peripheral
interrupts. The position of each exception is important since it directly translates to the
location of a 32-bit interrupt vector for each interrupt, and defines the hardware priority of
exceptions. Each exception in the table is a 32-bit address that is loaded into the program
counter when that exception occurs. Table 21 lists the entire exception table. Exceptions 0
(stack pointer) through 15 (SysTick) are part of the standard ARM® Cortex-M3 NVIC, while
exceptions 16 (Timer 1) through 32 (Debug) are the peripheral interrupts specific to the
STM32W108 peripherals. The peripheral interrupts are listed in greater detail in Table 22.
Table 21.
NVIC exception table
Exception
Position
Description
-
0
Stack top is loaded from first entry of vector table on reset.
Reset
1
Invoked on power up and warm reset. On first instruction, drops to
lowest priority (Thread mode). Asynchronous.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com