Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2420-E/P Datasheet(PDF) 104 Page - Microchip Technology

Part # PIC18F2420-E/P
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2420-E/P Datasheet(HTML) 104 Page - Microchip Technology

Back Button PIC18F2420-E/P Datasheet HTML 100Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 101Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 102Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 103Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 104Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 105Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 106Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 107Page - Microchip Technology PIC18F2420-E/P Datasheet HTML 108Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 412 page
background image
PIC18F2420/2520/4420/4520
DS39631E-page 102
© 2008 Microchip Technology Inc.
9.5
RCON Register
The RCON register contains flag bits which are used to
determine the cause of the last Reset or wake-up from
Idle or Sleep modes. RCON also contains the IPEN bit
which enables interrupt priorities.
The operation of the SBOREN bit and the Reset flag
bits is discussed in more detail in Section 4.1 “RCON
Register”
.
REGISTER 9-10:
RCON: RESET CONTROL REGISTER
R/W-0
R/W-1(1)
U-0
R/W-1
R-1
R-1
R/W-0(1)
R/W-0
IPEN
SBOREN
—RI
TO
PD
POR
BOR
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
IPEN:
Interrupt Priority Enable bit
1
= Enable priority levels on interrupts
0
= Disable priority levels on interrupts (PIC16CXXX Compatibility mode)
bit 6
SBOREN:
Software BOR Enable bit(1)
For details of bit operation, see Register 4-1.
bit 5
Unimplemented:
Read as ‘0’
bit 4
RI: RESET
Instruction Flag bit
For details of bit operation, see Register 4-1.
bit 3
TO:
Watchdog Timer Time-out Flag bit
For details of bit operation, see Register 4-1.
bit 2
PD:
Power-Down Detection Flag bit
For details of bit operation, see Register 4-1.
bit 1
POR:
Power-on Reset Status bit(1)
For details of bit operation, see Register 4-1.
bit 0
BOR:
Brown-out Reset Status bit
For details of bit operation, see Register 4-1.
Note 1:
Actual Reset values are determined by device configuration and the nature of the device Reset. See
Register 4-1 for additional information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com