Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F44J10-I/SOSQTP Datasheet(PDF) 174 Page - Microchip Technology

Part # PIC18F44J10-I/SOSQTP
Description  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-I/SOSQTP Datasheet(HTML) 174 Page - Microchip Technology

Back Button PIC18F44J10-I/SOSQTP Datasheet HTML 170Page - Microchip Technology PIC18F44J10-I/SOSQTP Datasheet HTML 171Page - Microchip Technology PIC18F44J10-I/SOSQTP Datasheet HTML 172Page - Microchip Technology PIC18F44J10-I/SOSQTP Datasheet HTML 173Page - Microchip Technology PIC18F44J10-I/SOSQTP Datasheet HTML 174Page - Microchip Technology PIC18F44J10-I/SOSQTP Datasheet HTML 175Page - Microchip Technology PIC18F44J10-I/SOSQTP Datasheet HTML 176Page - Microchip Technology PIC18F44J10-I/SOSQTP Datasheet HTML 177Page - Microchip Technology PIC18F44J10-I/SOSQTP Datasheet HTML 178Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 368 page
background image
PIC18F45J10 FAMILY
DS39682E-page 172
© 2009 Microchip Technology Inc.
16.4.4.5
Clock Synchronization and
the CKP bit
When the CKP bit is cleared, the SCLx output is forced
to ‘0’. However, clearing the CKP bit will not assert the
SCLx output low until the SCLx output is already sam-
pled low. Therefore, the CKP bit will not assert the
SCLx line until an external I2C master device has
already asserted the SCLx line. The SCLx output will
remain low until the CKP bit is set and all other
devices on the I2C bus have deasserted SCLx. This
ensures that a write to the CKP bit will not violate the
minimum high time requirement for SCLx (see
Figure 16-12).
FIGURE 16-12:
CLOCK SYNCHRONIZATION TIMING
SDAx
SCLx
DX – 1
DX
WR
Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4
SSPxCON
CKP
Master Device
Deasserts Clock
Master Device
Asserts Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com