Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8367 Datasheet(PDF) 125 Page - Freescale Semiconductor, Inc

Part # 56F8367
Description  16-bit Digital Signal Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8367 Datasheet(HTML) 125 Page - Freescale Semiconductor, Inc

Back Button 56F8367 Datasheet HTML 121Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 122Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 123Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 124Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 125Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 126Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 127Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 128Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 129Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 182 page
background image
Register Descriptions
56F8367 Technical Data, Rev. 9
Freescale Semiconductor
125
Preliminary
6.5.9.9
Quad Timer B Enable (TMRB)—Bit 7
Each bit controls clocks to the indicated peripheral.
•
1 = Clocks are enabled
•
0 = The clock is not provided to the peripheral (the peripheral is disabled)
6.5.9.10 Quad Timer A Enable (TMRA)—Bit 6
Each bit controls clocks to the indicated peripheral.
•
1 = Clocks are enabled
•
0 = The clock is not provided to the peripheral (the peripheral is disabled)
6.5.9.11 Serial Communications Interface 1 Enable (SCI1)—Bit 5
Each bit controls clocks to the indicated peripheral.
•
1 = Clocks are enabled
•
0 = The clock is not provided to the peripheral (the peripheral is disabled)
6.5.9.12 Serial Communications Interface 0 Enable (SCI0)—Bit 4
Each bit controls clocks to the indicated peripheral.
•
1 = Clocks are enabled
•
0 = The clock is not provided to the peripheral (the peripheral is disabled)
6.5.9.13 Serial Peripheral Interface 1 Enable (SPI1)—Bit 3
Each bit controls clocks to the indicated peripheral.
•
1 = Clocks are enabled
•
0 = The clock is not provided to the peripheral (the peripheral is disabled)
6.5.9.14 Serial Peripheral Interface 0 Enable (SPI0)—Bit 2
Each bit controls clocks to the indicated peripheral.
•
1 = Clocks are enabled
•
0 = The clock is not provided to the peripheral (the peripheral is disabled)
6.5.9.15 Pulse Width Modulator B Enable (PWMB)—1
Each bit controls clocks to the indicated peripheral.
•
1 = Clocks are enabled
•
0 = The clock is not provided to the peripheral (the peripheral is disabled)
6.5.9.16 Pulse Width Modulator A Enable (PWMA)—0
Each bit controls clocks to the indicated peripheral.
•
1 = Clocks are enabled
•
0 = The clock is not provided to the peripheral (the peripheral is disabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com