Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8367 Datasheet(PDF) 133 Page - Freescale Semiconductor, Inc

Part # 56F8367
Description  16-bit Digital Signal Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8367 Datasheet(HTML) 133 Page - Freescale Semiconductor, Inc

Back Button 56F8367 Datasheet HTML 129Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 130Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 131Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 132Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 133Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 134Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 135Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 136Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 137Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 182 page
background image
Configuration
56F8367 Technical Data, Rev. 9
Freescale Semiconductor
133
Preliminary
8.3 Configuration
There are six GPIO ports defined on the 56F8367/56F8167. The width of each port and the associated
peripheral function is shown in Table 8-1 and Table 8-2. The specific mapping of GPIO port pins is
shown in Table 8-3.
Table 8-1 56F8367 GPIO Ports Configuration
GPIO
Port
Port
Width
Available
Pins in
56F8367
Peripheral Function
Reset Function
A14
14
14 pins - EMI Address pins
EMI Address
B8
8
8 pins - EMI Address pins
EMI Address
C11
11
4 pins -DEC1 / TMRB / SPI1
4 pins -DEC0 / TMRA
3 pins -PWMA current sense
DEC1 / TMRB
DEC0 / TMRA
PWMA current sense
D13
13
6 pins - EMI CSn
2 pins - SCI1
2 pins - EMI CSn
3 pins -PWMB current sense
EMI Chip Selects
SCI1
EMI Chip Selects
PWMB current sense
E14
14
2 pins - SCI0
2 pins - EMI Address pins
4 pins - SPI0
2 pins - TMRC
4 pins - TMRD
SCI0
EMI Address
SPI0
TMRC
TMRD
F16
16
16 pins - EMI Data
EMI Data
Table 8-2 56F8167 GPIO Ports Configuration
GPIO
Port
Port
Width
Available
Pins in
56F8167
Peripheral Function
Reset Function
A14
14
14 pins - EMI Address pins
EMI Address
B8
8
8 pins - EMI Address pins
EMI Address
C11
11
4 pins - SPI1
4 pins - DEC0 / TMRA
3 pins - Dedicated GPIO
SPI1
DEC0 / TMRA
GPIO
D13
13
6 pins - EMI CSn
2 pins - SCI1
2 pins - EMI CSn
3 pins -PWMB current sense
EMI Chip Selects
SCI1
EMI Chip Selects
PWMB current sense



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com