Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8367 Datasheet(PDF) 161 Page - Freescale Semiconductor, Inc

Part # 56F8367
Description  16-bit Digital Signal Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8367 Datasheet(HTML) 161 Page - Freescale Semiconductor, Inc

Back Button 56F8367 Datasheet HTML 157Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 158Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 159Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 160Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 161Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 162Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 163Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 164Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 165Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 182 page
background image
Analog-to-Digital Converter (ADC) Parameters
56F8367 Technical Data, Rev. 9
Freescale Semiconductor
161
Preliminary
10.16 Analog-to-Digital Converter (ADC) Parameters
Table 10-24 ADC Parameters
Characteristic
Symbol
Min
Typ
Max
Unit
Input voltages
VADIN
VREFL
—VREFH
V
Resolution
RES
12
—
12
Bits
Integral Non-Linearity1
INL
—
+/- 2.4
+/- 3.2
LSB2
Differential Non-Linearity
DNL
—
+/- 0.7
< +1
LSB2
Monotonicity
GUARANTEED
ADC internal clock
fADIC
0.5
—
5
MHz
Conversion range
RAD
VREFL
—VREFH
V
ADC channel power-up time
tADPU
56
16
tAIC cycles3
ADC reference circuit power-up time4
tVREF
——
25
ms
Conversion time
tADC
—6
—
tAIC cycles3
Sample time
tADS
—1
—
tAIC cycles3
Input capacitance
CADI
—5
—
pF
Input injection current5, per pin
IADI
——
3
mA
Input injection current, total
IADIT
——
20
mA
VREFH current
IVREFH
—1.2
3
mA
ADC A current
IADCA
—25
—
mA
ADC B current
IADCB
—25
—
mA
Quiescent current
IADCQ
—0
10
μA
Uncalibrated Gain Error (ideal = 1)
EGAIN
—
.+/- .004
+/- .01
—
Uncalibrated Offset Voltage
VOFFSET
—
+/- 27
+/- 40
mV
Calibrated Absolute Error6
AECAL
—See Figure 10-23
—
LSBs
Calibration Factor 17
CF1
—
—
0.002289
—
Calibration Factor 2
CF2
—
—
–25.6
—
Crosstalk between channels
—
—
-60
—
dB
Common Mode Voltage
Vcommon
—(VREFH - VREFLO) / 2
—
V
Signal-to-noise ratio
SNR
—
64.6
—
db



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com