Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q-120 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # Q-120
Description  120W Quad Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

Q-120 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  Q-120 Datasheet HTML 1Page - RSG Electronic Components GmbH Q-120 Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Q-120B
Q-120C
Q-120D
5V
5V
5V
12V
CH2
CH2
CH2
-5V
CH3
CH3
CH3
-12V
CH4
CH4
CH4
15V
-5V
-15V
12V
24V
-12V
11A
10A
8A
4A
1A
1A
3.5A
1A
1A
2A
2A
1A
2~12A
2~12A
2~12A
0.5~5A
0.2~1A
0.2~1A
0.5~5A
0.2~1A
0.2~1A
0.2~5A
0.2~2A
0.2~1A
120W
122.5W
124W
80mVp-p 120mVp-p 80mVp-p 120mVp-p
150mVp-p 80mVp-p 150mVp-p
120mVp-p 180mVp-p 120mVp-p
80mVp-p
80mVp-p
CH1:4.75~5.5V
2.0%
2.0%
2.0%
6.0%
6.0%
6.0%
+10,-5%
+10,-5%
6.0%
6.0%
6.0%
6.0%
0.5%
0.5%
0.5%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
0.5%
0.5%
0.5%
5.0%
5.0%
5.0%
6.0%
6.0%
5.0%
5.0%
5.0%
5.0%
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISE,HOLDTIME
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
INPUT
INRUSHCURRENT(max.)
LEAKAGECURRENT
SAFETY STANDARDS
HARMONICCURRENT
EMSIMMUNITY
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
ACCURRENT
200ms,50ms,20msatfullload
88~132VAC/176~264VACselectedbyswitch240~370VDC
47~63Hz
77%
76%
80%
2.8A/115VAC1.6A/230VAC
COLDSTART 35A
<3.5mA /240VAC
105~135% ratedoutputpower
CH1:5.75~6.75VDC
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
Protectiontype: Shutdowno/pvoltage,re-powerontorecover
UL60950-1, TUVEN60950-1 Approved
-10~+60
(Refertooutputloadderatingcurve)
20~90%RHnon-condensing
-20~+85
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes
261.4Khrsmin.MIL-HDBK-217F(25
)
199*110*50mm(L*W*H)
0.86Kg;16pcs/14.7Kg/0.95CUFT
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
FileName:Q-120-SPEC2004-11-30
CompliancetoEN55022(CISPR22)ClassB
Complianceto EN61000-3-2,-3
Complianceto
EN55024,Lightindustrylevel,criteria A
EN61000-4-2,3,4,5,6,8,11;ENV50204,
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
120WQuadOutputSwitchingPowerSupply
AC input range selected by switch
Protections:Short circuit/Over load/Over voltage
100% full load burn-in test
Fixed switching frequency at 25KHz
2 years warranty
Features :
Q - 1 2 0 series
ENVIRONMENT
SAFETY &
EMC
(Note4)
PROTECTION
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC
EMICONDUCTION&RADIATION
CH1
CH1
CH1
OUTPUTNUMBER
RSG
ELECTRONIC COMPONENTS
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany
Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de
www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice


Similar Part No. - Q-120

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
Q-120 MEANWELL-Q-120 Datasheet
674Kb / 2P
   120W Quad Output Switching Power Supply
Q-120 MEANWELL-Q-120 Datasheet
684Kb / 2P
   120W Quad Output Switching Power Supply
Q-120B MEANWELL-Q-120B Datasheet
674Kb / 2P
   120W Quad Output Switching Power Supply
Q-120B MEANWELL-Q-120B Datasheet
684Kb / 2P
   120W Quad Output Switching Power Supply
Q-120C MEANWELL-Q-120C Datasheet
674Kb / 2P
   120W Quad Output Switching Power Supply
More results

Similar Description - Q-120

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
Q-120 MEANWELL-Q-120 Datasheet
674Kb / 2P
   120W Quad Output Switching Power Supply
Q-120 MEANWELL-Q-120_10 Datasheet
684Kb / 2P
   120W Quad Output Switching Power Supply
HLG-120 MEANWELL-HLG-120_11 Datasheet
344Kb / 6P
   120W Single Output Switching Power Supply
HLG-120_1107 MEANWELL-HLG-120_1107 Datasheet
371Kb / 6P
   120W Single Output Switching Power Supply
HLG-120H-48A MEANWELL-HLG-120H-48A Datasheet
187Kb / 7P
   120W Single Output Switching Power Supply
EPS-120 MEANWELL-EPS-120 Datasheet
581Kb / 4P
   120W Single Output Switching Power Supply
logo
Astrodyne Corporation
AD-120 ASTRODYNE-AD-120 Datasheet
1Mb / 6P
   120W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
D-120 MEANWELL-D-120 Datasheet
453Kb / 2P
   120W Dual Output Switching Power Supply
HLG-120H MEANWELL-HLG-120H Datasheet
345Kb / 6P
   120W Single Output Switching Power Supply
T-120 MEANWELL-T-120_10 Datasheet
378Kb / 2P
   120W Triple Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com