Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893CF Datasheet(PDF) 125 Page - Integrated Device Technology

Part # ICS1893CF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS1893CF Datasheet(HTML) 125 Page - Integrated Device Technology

Back Button ICS1893CF Datasheet HTML 119Page - Integrated Device Technology ICS1893CF Datasheet HTML 120Page - Integrated Device Technology ICS1893CF Datasheet HTML 121Page - Integrated Device Technology ICS1893CF Datasheet HTML 122Page - Integrated Device Technology ICS1893CF Datasheet HTML 123Page - Integrated Device Technology ICS1893CF Datasheet HTML 124Page - Integrated Device Technology ICS1893CF Datasheet HTML 125Page - Integrated Device Technology ICS1893CF Datasheet HTML 126Page - Integrated Device Technology ICS1893CF Datasheet HTML 127Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 125 / 127 page
background image
Chapter 11 Ordering Information
ICS1893CF, Rev. J, 08/11/09
August, 2009
125
ICS1893CF Data Sheet Rev. J - Release
Copyright © 2009, Integrated Device Technology, Inc.
All rights reserved.
Chapter 11 Ordering Information
Figure 11-1. shows ordering information for the ICS1893CF.
*NOTE: EOL for non-green parts to occur on 5/13/10 per PDN U-09-01.
Part / Order Number
Marking
Package
Temperature
ICS1893CF*
1893CF
48-Lead 300-mil SSOP
0
° C to 70° C
ICS1893CFLF
1893CFLF
48-Lead SSOP Lead/Pb-Free
0
° C to 70° C
ICS1893CFT*
1893CF
48-Lead 300-mil SSOP, Tape and Reel
0
° C to 70° C
ICS1893CFLFT
1893CFLF
48-Lead SSOP Lead/Pb-Free, Tape and Reel
0
° C to 70° C
ICS1893CFI*
1893CFI
48-Lead 300-mil SSOP
-40
° C to 85°
C
ICS1893CFILF
1893CFILF
48-Lead SSOP Lead/Pb-Free
-40
° C to 85°
C
ICS1893CFIT*
1893CFI
48-Lead 300-mil SSOP, Tape and Reel
-40
° C to 85°
C
ICS1893CFILFT
1893CFILF
48-Lead SSOP Lead/Pb-Free, Tape and Reel
-40
° C to 85°
C
ICS1893CK*
1893CK
56-Lead 8x8 MLF2
0
° C to 70° C
ICS1893CKLF
1893CKLF
56-Lead MLF2 Lead/Pb-Free
0
° C to 70° C
ICS1893CKT*
1893CK
56-Lead 8x8 MLF2, Tape and Reel
0
° C to 70° C
ICS1893CKLFT
1893CKLF
56-Lead MLF2 Lead/Pb-Free, Tape and Reel
0
° C to 70° C
ICS1893CKI*
1893CKI
56-Lead 8x8 MLF2
-40
° C to 85°
C
ICS1893CKILF
1893CKILF
56-Lead MLF2 Lead/Pb-Free
-40
° C to 85°
C
ICS1893CKIT*
1893CKI
56-Lead 8x8 MLF2, Tape and Reel
-40
° C to 85°
C
ICS1893CKILFT
1893CKILF
56-Lead MLF2 Lead/Pb-Free, Tape and Reel
-40
° C to 85°
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com