Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16 Datasheet(PDF) 244 Page - ATMEL Corporation

Part # ATmega16
Description  8-bit Microcontroller with 16K Bytes In-Syustem Programmable Flash
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16 Datasheet(HTML) 244 Page - ATMEL Corporation

Back Button ATmega16 Datasheet HTML 240Page - ATMEL Corporation ATmega16 Datasheet HTML 241Page - ATMEL Corporation ATmega16 Datasheet HTML 242Page - ATMEL Corporation ATmega16 Datasheet HTML 243Page - ATMEL Corporation ATmega16 Datasheet HTML 244Page - ATMEL Corporation ATmega16 Datasheet HTML 245Page - ATMEL Corporation ATmega16 Datasheet HTML 246Page - ATMEL Corporation ATmega16 Datasheet HTML 247Page - ATMEL Corporation ATmega16 Datasheet HTML 248Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 357 page
background image
244
2466S–AVR–05/09
ATmega16(L)
39
PD7.Control
38
PD7.Pullup_Enable
37
PC0.Data
Port C
36
PC0.Control
35
PC0.Pullup_Enable
34
PC1.Data
33
PC1.Control
32
PC1.Pullup_Enable
31
PC6.Data
30
PC6.Control
29
PC6.Pullup_Enable
28
PC7.Data
27
PC7.Control
26
PC7.Pullup_Enable
25
TOSC
32 kHz Timer Oscillator
24
TOSCON
23
PA7.Data
Port A
22
PA7.Control
21
PA7.Pullup_Enable
20
PA6.Data
19
PA6.Control
18
PA6.Pullup_Enable
17
PA5.Data
16
PA5.Control
15
PA5.Pullup_Enable
14
PA4.Data
13
PA4.Control
12
PA4.Pullup_Enable
11
PA3.Data
10
PA3.Control
9
PA3.Pullup_Enable
8PA2.Data
7
PA2.Control
6
PA2.Pullup_Enable
5PA1.Data
Table 94. ATmega16 Boundary-scan Order (Continued)
Bit Number
Signal Name
Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com