Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16 Datasheet(PDF) 261 Page - ATMEL Corporation

Part # ATmega16
Description  8-bit Microcontroller with 16K Bytes In-Syustem Programmable Flash
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16 Datasheet(HTML) 261 Page - ATMEL Corporation

Back Button ATmega16 Datasheet HTML 257Page - ATMEL Corporation ATmega16 Datasheet HTML 258Page - ATMEL Corporation ATmega16 Datasheet HTML 259Page - ATMEL Corporation ATmega16 Datasheet HTML 260Page - ATMEL Corporation ATmega16 Datasheet HTML 261Page - ATMEL Corporation ATmega16 Datasheet HTML 262Page - ATMEL Corporation ATmega16 Datasheet HTML 263Page - ATMEL Corporation ATmega16 Datasheet HTML 264Page - ATMEL Corporation ATmega16 Datasheet HTML 265Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 357 page
background image
261
2466S–AVR–05/09
ATmega16(L)
Notes:
1. The default value of SUT1..0 results in maximum start-up time. SeeTable 10 on page 29 for
details.
2. The default setting of CKSEL3..0 results in internal RC Oscillator @ 1MHz. See Table 2 on
page 25 for details.
The status of the Fuse bits is not affected by Chip Erase. Note that the Fuse bits are locked if
Lock bit1 (LB1) is programmed. Program the Fuse bits before programming the Lock bits.
Latching of Fuses
The Fuse values are latched when the device enters programming mode and changes of the
Fuse values will have no effect until the part leaves Programming mode. This does not apply to
the EESAVE Fuse which will take effect once it is programmed. The fuses are also latched on
Power-up in Normal mode.
Signature Bytes
All Atmel microcontrollers have a three-byte signature code which identifies the device. This
code can be read in both serial and parallel mode, also when the device is locked. The three
bytes reside in a separate address space.
For the ATmega16 the signature bytes are:
1.
$000: $1E (indicates manufactured by Atmel)
2.
$001: $94 (indicates 16KB Flash memory)
3.
$002: $03 (indicates ATmega16 device when $001 is $94)
Calibration Byte
The ATmega16 stores four different calibration values for the internal RC Oscillator. These bytes
resides in the signature row High Byte of the addresses 0x0000, 0x0001, 0x0002, and 0x0003
for 1, 2, 4, and 8 Mhz respectively. During Reset, the 1 MHz value is automatically loaded into
the OSCCAL Register. If other frequencies are used, the calibration value has to be loaded
manually, see “Oscillator Calibration Register – OSCCAL” on page 30 for details.
Table 106. Fuse Low Byte
Fuse Low
Byte
Bit
No.
Description
Default Value
BODLEVEL
7
Brown-out Detector trigger level
1 (unprogrammed)
BODEN
6
Brown-out Detector enable
1 (unprogrammed, BOD disabled)
SUT1
5
Select start-up time
1 (unprogrammed)(1)
SUT0
4
Select start-up time
0 (programmed)(1)
CKSEL3
3
Select Clock source
0 (programmed)(2)
CKSEL2
2
Select Clock source
0 (programmed)(2)
CKSEL1
1
Select Clock source
0 (programmed)(2)
CKSEL0
0
Select Clock source
1 (unprogrammed)(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com