Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega128 Datasheet(PDF) 110 Page - ATMEL Corporation

Part # ATmega128
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega128 Datasheet(HTML) 110 Page - ATMEL Corporation

Back Button ATmega128 Datasheet HTML 106Page - ATMEL Corporation ATmega128 Datasheet HTML 107Page - ATMEL Corporation ATmega128 Datasheet HTML 108Page - ATMEL Corporation ATmega128 Datasheet HTML 109Page - ATMEL Corporation ATmega128 Datasheet HTML 110Page - ATMEL Corporation ATmega128 Datasheet HTML 111Page - ATMEL Corporation ATmega128 Datasheet HTML 112Page - ATMEL Corporation ATmega128 Datasheet HTML 113Page - ATMEL Corporation ATmega128 Datasheet HTML 114Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 386 page
background image
110
2467S–AVR–07/09
ATmega128
Timer/Counter Prescaler
Figure 45. Prescaler for Timer/Counter0
The clock source for Timer/Counter0 is named clk
T0. clkT0 is by default connected to the
main system clock clk
I/O. By setting the AS0 bit in ASSR, Timer/Counter0 is asynchro-
nously clocked from the TOSC1 pin. This enables use of Timer/Counter0 as a Real
Time Counter (RTC). When AS0 is set, pins TOSC1 and TOSC2 are disconnected from
Port C. A crystal can then be connected between the TOSC1 and TOSC2 pins to serve
as an independent clock source for Timer/Counter0. The Oscillator is optimized for use
with a 32.768 kHz crystal. Applying an external clock source to TOSC1 is not
recommended.
For Timer/Counter0, the possible prescaled selections are: clk
T0S/8, clkT0S/32, clkT0S/64,
clk
T0S/128, clkT0S/256, and clkT0S/1024. Additionally, clkT0S as well as 0 (stop) may be
selected. Setting the PSR0 bit in SFIOR resets the prescaler. This allows the user to
operate with a predictable prescaler.
Special Function IO Register –
SFIOR
• Bit 7 – TSM: Timer/Counter Synchronization Mode
Writing the TSM bit to one activates the Timer/Counter Synchronization mode. In this
mode, the value that is written to the PSR0 and PSR321 bits is kept, hence keeping the
corresponding prescaler reset signals asserted. This ensures that the corresponding
Timer/Counters are halted and can be configured to the same value without the risk of
one of them advancing during configuration. When the TSM bit is written to zero, the
PSR0 and PSR321 bits are cleared by hardware, and the Timer/Counters start counting
simultaneously.
10-BIT T/C PRESCALER
TIMER/COUNTER0 CLOCK SOURCE
clk
I/O
clk
T0S
TOSC1
AS0
CS00
CS01
CS02
0
PSR0
Clear
clk
T0
Bit
7
6
5
4
3
2
1
0
TSM
–
–
–
ACME
PUD
PSR0
PSR321
SFIOR
Read/Write
R/W
R
R
R
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com