Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega128 Datasheet(PDF) 134 Page - ATMEL Corporation

Part # ATmega128
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega128 Datasheet(HTML) 134 Page - ATMEL Corporation

Back Button ATmega128 Datasheet HTML 130Page - ATMEL Corporation ATmega128 Datasheet HTML 131Page - ATMEL Corporation ATmega128 Datasheet HTML 132Page - ATMEL Corporation ATmega128 Datasheet HTML 133Page - ATMEL Corporation ATmega128 Datasheet HTML 134Page - ATMEL Corporation ATmega128 Datasheet HTML 135Page - ATMEL Corporation ATmega128 Datasheet HTML 136Page - ATMEL Corporation ATmega128 Datasheet HTML 137Page - ATMEL Corporation ATmega128 Datasheet HTML 138Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 386 page
background image
134
2467S–AVR–07/09
ATmega128
Table 59 shows the COMnx1:0 bit functionality when the WGMn3:0 bits are set to the fast PWM
mode
Note:
A
special
case
occurs
when
OCRnA/OCRnB/OCRnC
equals
TOP
and
COMnA1/COMnB1/COMnC1 is set. In this case the compare match is ignored, but the set or clear
is done at BOTTOM. See “Fast PWM Mode” on page 125. for more details.
Table 59 shows the COMnx1:0 bit functionality when the WGMn3:0 bits are set to the phase cor-
rect and frequency correct PWM mode.
Note:
A
special
case
occurs
when
OCRnA/OCRnB/OCRnC
equals
TOP
and
COMnA1/COMnB1//COMnC1 is set. See “Phase Correct PWM Mode” on page 127. for more
details.
Table 59. Compare Output Mode, Fast PWM
COMnA1/COMnB1/
COMnC1
COMnA0/COMnB0/
COMnC0
Description
0
0
Normal port operation, OCnA/OCnB/OCnC
disconnected.
0
1
WGMn3:0 = 15: Toggle OCnA on Compare
Match, OCnB/OCnC disconnected (normal
port operation).
For all other WGMn settings, normal port
operation, OCnA/OCnB/OCnC
disconnected.
1
0
Clear OCnA/OCnB/OCnC on compare
match, set OCnA/OCnB/OCnC at BOTTOM,
(non-inverting mode)
1
1
Set OCnA/OCnB/OCnC on compare match,
clear OCnA/OCnB/OCnC at BOTTOM,
(inverting mode)
Table 60. Compare Output Mode, Phase Correct and Phase and Frequency Correct PWM
COMnA1/COMnB1/
COMnC1
COMnA0/COMnB0/
COMnC0
Description
0
0
Normal port operation, OCnA/OCnB/OCnC
disconnected.
0
1
WGMn3:0 = 9 or 11: Toggle OCnA on
Compare Match, OCnB/OCnC disconnected
(normal port operation).
For all other WGMn settings, normal port
operation, OCnA/OCnB/OCnC
disconnected.
1
0
Clear OCnA/OCnB/OCnC on compare
match when up-counting. Set
OCnA/OCnB/OCnC on compare match
when downcounting.
1
1
Set OCnA/OCnB/OCnC on compare match
when up-counting. Clear
OCnA/OCnB/OCnC on compare match
when downcounting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com