Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega128 Datasheet(PDF) 304 Page - ATMEL Corporation

Part # ATmega128
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega128 Datasheet(HTML) 304 Page - ATMEL Corporation

Back Button ATmega128 Datasheet HTML 300Page - ATMEL Corporation ATmega128 Datasheet HTML 301Page - ATMEL Corporation ATmega128 Datasheet HTML 302Page - ATMEL Corporation ATmega128 Datasheet HTML 303Page - ATMEL Corporation ATmega128 Datasheet HTML 304Page - ATMEL Corporation ATmega128 Datasheet HTML 305Page - ATMEL Corporation ATmega128 Datasheet HTML 306Page - ATMEL Corporation ATmega128 Datasheet HTML 307Page - ATMEL Corporation ATmega128 Datasheet HTML 308Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 386 page
background image
304
2467S–AVR–07/09
ATmega128
Note:
a = address high bits
b = address low bits
H = 0 - Low byte, 1 - High Byte
o = data out
i = data in
x = don’t care
Table 129. SPI Serial Programming Instruction Set
Instruction
Instruction Format
Operation
Byte 1
Byte 2
Byte 3
Byte4
Programming Enable
1010 1100
0101 0011
xxxx xxxx
xxxx xxxx
Enable SPI Serial Programming after RESET
goes low.
Chip Erase
1010 1100
100x xxxx
xxxx xxxx
xxxx xxxx
Chip Erase EEPROM and Flash.
Read Program
Memory
0010 H000
aaaa aaaa
bbbb bbbb
oooo oooo
Read H (high or low) data o from Program
memory at word address a:b.
Load Program
Memory Page
0100 H000
xxxx xxxx
xbbb bbbb
iiii iiii
Write H (high or low) data i to Program
Memory page at word address b. Data low
byte must be loaded before data high byte is
applied within the same address.
Write Program
Memory Page
0100 1100
aaaa aaaa
bxxx xxxx
xxxx xxxx
Write Program Memory Page at address a:b.
Read EEPROM
Memory
1010 0000
xxxx aaaa
bbbb bbbb
oooo oooo
Read data o from EEPROM memory at
address a:b.
Write EEPROM
Memory
1100 0000
xxxx aaaa
bbbb bbbb
iiii iiii
Write data i to EEPROM memory at address
a:b.
Read Lock bits
0101 1000
0000 0000
xxxx xxxx
xxoo oooo
Read Lock bits. “0” = programmed, “1” =
unprogrammed. See
Table 115 on page
286 for details.
Write Lock bits
1010 1100
111x xxxx
xxxx xxxx
11ii iiii
Write Lock bits. Set bits = “0” to program Lock
bits. See
Table 115 on page 286 for details.
Read Signature Byte
0011 0000
xxxx xxxx
xxxx xxbb
oooo oooo
Read Signature Byte o at address b.
Write Fuse bits
1010 1100
1010 0000
xxxx xxxx
iiii iiii
Set bits = “0” to program, “1” to unprogram.
See
Table 119 on page 288 for details.
Write Fuse High Bits
1010 1100
1010 1000
xxxx xxxx
iiii iiii
Set bits = “0” to program, “1” to unprogram.
See
Table 118 on page 288 for details.
Write Extended Fuse
bits
1010 1100
1010 0100
xxxx xxxx
xxxx xxii
Set bits = “0” to program, “1” to unprogram.
See
Table 119 on page 288 for details.
Read Fuse bits
0101 0000
0000 0000
xxxx xxxx
oooo oooo
Read Fuse bits. “0” = programmed, “1” =
unprogrammed. See
Table 119 on page
288 for details.
Read Extendend
Fuse bits
0101 0000
0000 1000
xxxx xxxx
oooo oooo
Read Extended Fuse bits. “0” = pro-grammed,
“1” = unprogrammed. See
Table 119 on
page 288 for details.
Read Fuse High Bits
0101 1000
0000 1000
xxxx xxxx
oooo oooo
Read Fuse high bits. “0” = pro-grammed, “1” =
unprogrammed. See
Table 118 on page
288 for details.
Read Calibration Byte
0011 1000
xxxx xxxx
0000 00bb
oooo oooo
Read Calibration Byte o at address b.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com