Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega128 Datasheet(PDF) 326 Page - ATMEL Corporation

Part # ATmega128
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega128 Datasheet(HTML) 326 Page - ATMEL Corporation

Back Button ATmega128 Datasheet HTML 322Page - ATMEL Corporation ATmega128 Datasheet HTML 323Page - ATMEL Corporation ATmega128 Datasheet HTML 324Page - ATMEL Corporation ATmega128 Datasheet HTML 325Page - ATMEL Corporation ATmega128 Datasheet HTML 326Page - ATMEL Corporation ATmega128 Datasheet HTML 327Page - ATMEL Corporation ATmega128 Datasheet HTML 328Page - ATMEL Corporation ATmega128 Datasheet HTML 329Page - ATMEL Corporation ATmega128 Datasheet HTML 330Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 326 / 386 page
background image
326
2467S–AVR–07/09
ATmega128
Table 136. ADC Characteristics, Differential Channels
Symbol
Parameter
Condition
Min(1)
Typ(1)
Max(1)
Units
Resolution
Gain =
1x
10
Bits
Gain = 10x
10
Bits
Gain = 200x
10
Bits
Absolute Accuracy
Gain = 1x
VREF = 4V, VCC = 5V
ADC clock = 50 - 200 kHz
17
LSB
Gain = 10x
VREF = 4V, VCC = 5V
ADC clock = 50 - 200 kHz
17
LSB
Gain = 200x
VREF = 4V, VCC = 5V
ADC clock = 50 - 200 kHz
7LSB
Integral Non-Linearity (INL)
(Accuracy after Calibration for Offset and
Gain Error)
Gain = 1x
VREF = 4V, VCC = 5V
ADC clock = 50 - 200 kHz
1.5
LSB
Gain = 10x
VREF = 4V, VCC = 5V
ADC clock = 50 - 200 kHz
2LSB
Gain = 200x
VREF = 4V, VCC = 5V
ADC clock = 50 - 200 kHz
5LSB
Gain Error
Gain =
1x
1.5
%
Gain = 10x
1.5
%
Gain = 200x
0.5
%
Offset Error
Gain = 1x
VREF = 4V, VCC = 5V
ADC clock = 50 - 200 kHz
2LSB
Gain = 10x
VREF = 4V, VCC = 5V
ADC clock = 50 - 200 kHz
3LSB
Gain = 200x
VREF = 4V, VCC = 5V
ADC clock = 50 - 200 kHz
4LSB
Clock Frequency
50
200
kHz
Conversion Time
65
260
µs
AVCC
Analog Supply Voltage
V
CC - 0.3
(2)
V
CC + 0.3
(3)
V
VREF
Reference Voltage
2.0
AVCC - 0.5
V
VIN
Input Voltage
GND
VCC
V
V
DIFF
Input Differential Voltage
-V
REF/Gain
V
REF/Gain
V
ADC Conversion Output
-511
511
LSB
Input Bandwidth
4kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com