Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega128 Datasheet(PDF) 381 Page - ATMEL Corporation

Part # ATmega128
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega128 Datasheet(HTML) 381 Page - ATMEL Corporation

Back Button ATmega128 Datasheet HTML 377Page - ATMEL Corporation ATmega128 Datasheet HTML 378Page - ATMEL Corporation ATmega128 Datasheet HTML 379Page - ATMEL Corporation ATmega128 Datasheet HTML 380Page - ATMEL Corporation ATmega128 Datasheet HTML 381Page - ATMEL Corporation ATmega128 Datasheet HTML 382Page - ATMEL Corporation ATmega128 Datasheet HTML 383Page - ATMEL Corporation ATmega128 Datasheet HTML 384Page - ATMEL Corporation ATmega128 Datasheet HTML 385Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 381 / 386 page
background image
iii
2467S–AVR–07/09
ATmega128
Timer/Counter3, Timer/Counter2, and Timer/Counter1 Prescalers
143
8-bit Timer/Counter2 with PWM 145
Overview 145
Timer/Counter Clock Sources 146
Counter Unit 146
Output Compare Unit 147
Compare Match Output Unit 148
Modes of Operation 149
Timer/Counter Timing Diagrams 155
8-bit Timer/Counter Register Description 157
Output Compare Modulator (OCM1C2) 161
Overview 161
Description 161
Serial Peripheral Interface – SPI 163
SS Pin Functionality 167
Data Modes 170
USART 171
Overview 171
Clock Generation 173
Frame Formats 176
USART Initialization 177
Data Transmission – The USART Transmitter 178
Data Reception – The USART Receiver 180
Multi-processor Communication Mode 187
USART Register Description 189
Examples of Baud Rate Setting 194
Two-wire Serial Interface 198
Features 198
Two-wire Serial Interface Bus Definition 198
Data Transfer and Frame Format 199
Multi-master Bus Systems, Arbitration and Synchronization 201
Overview of the TWI Module 204
TWI Register Description 206
Using the TWI 208
Transmission Modes 213
Multi-master Systems and Arbitration 225
Analog Comparator 227
Analog Comparator Multiplexed Input 228



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com