Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega162V-8AI Datasheet(PDF) 184 Page - ATMEL Corporation

Part # ATmega162V-8AI
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162V-8AI Datasheet(HTML) 184 Page - ATMEL Corporation

Back Button ATmega162V-8AI Datasheet HTML 180Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 181Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 182Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 183Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 184Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 185Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 186Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 187Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 188Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 324 page
background image
184
2513K–AVR–07/09
ATmega162/V
Accessing
UBRRH/
UCSRC Registers
The UBRRH Register shares the same I/O location as the UCSRC Register. Therefore some
special consideration must be taken when accessing this I/O location.
Write Access
When doing a write access of this I/O location, the high bit of the value written, the USART Reg-
ister Select (URSEL) bit, controls which one of the two registers that will be written. If URSEL is
zero during a write operation, the UBRRH value will be updated. If URSEL is one, the UCSRC
setting will be updated.
The following code examples show how to access the two registers.
Note:
1. The example code assumes that the part specific header file is included.
As the code examples illustrate, write accesses of the two registers are relatively unaffected of
the sharing of I/O location.
Assembly Code Examples(1)
...
; Set UBRRH to 2
ldi
r16,0x02
out
UBRRH,r16
...
; Set the USBS and ?he UCSZ1 bit to one, and
; the remaining bit? to zero.
ldi
r16,(1<<URSEL)|(1<<USBS)|(1<<UCSZ1)
out
UCSRC,r16
...
C Code Examples
(1)
...
/* Set UBRRH to 2 */
UBRRH = 0x02;
...
/* Set the USBS and?the UCSZ1 bit to one, and */
/* the remaining bi?s to zero. */
UCSRC = (1<<URSEL)|(1<<U?BS)|(1<<UCSZ1);
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com