Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega162V-8AI Datasheet(PDF) 214 Page - ATMEL Corporation

Part # ATmega162V-8AI
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162V-8AI Datasheet(HTML) 214 Page - ATMEL Corporation

Back Button ATmega162V-8AI Datasheet HTML 210Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 211Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 212Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 213Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 214Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 215Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 216Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 217Page - ATMEL Corporation ATmega162V-8AI Datasheet HTML 218Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 324 page
background image
214
2513K–AVR–07/09
ATmega162/V
87
PB5.Data
Port B
86
PB5.Control
85
PB5.Pullup_Enable
84
PB6.Data
83
PB6.Control
82
PB6.Pullup_Enable
81
PB7.Data
80
PB7.Control
79
PB7.Pullup_Enable
78
RSTT
Reset Logic
(Observe-only)
77
RSTHV
76
TOSC
32 kHz Timer Oscillator
75
TOSCON
74
PD0.Data
Port D
73
PD0.Control
72
PD0.Pullup_Enable
71
PD1.Data
70
PD1.Control
69
PD1.Pullup_Enable
68
PD2.Data
67
PD2.Control
66
PD2.Pullup_Enable
65
PD3.Data
64
PD3.Control
63
PD3.Pullup_Enable
62
PD4.Data
61
PD4.Control
60
PD4.Pullup_Enable
59
PD5.Data
Port D
58
PD5.Control
57
PD5.Pullup_Enable
56
PD6.Data
55
PD6.Control
54
PD6.Pullup_Enable
53
PD7.Data
52
PD7.Control
Table 87. ATmega162 Boundary-scan Order (Continued)
Bit Number
Signal Name
Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com