Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega324P Datasheet(PDF) 330 Page - ATMEL Corporation

Part # ATmega324P
Description  8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega324P Datasheet(HTML) 330 Page - ATMEL Corporation

Back Button ATmega324P Datasheet HTML 326Page - ATMEL Corporation ATmega324P Datasheet HTML 327Page - ATMEL Corporation ATmega324P Datasheet HTML 328Page - ATMEL Corporation ATmega324P Datasheet HTML 329Page - ATMEL Corporation ATmega324P Datasheet HTML 330Page - ATMEL Corporation ATmega324P Datasheet HTML 331Page - ATMEL Corporation ATmega324P Datasheet HTML 332Page - ATMEL Corporation ATmega324P Datasheet HTML 333Page - ATMEL Corporation ATmega324P Datasheet HTML 334Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 377 page
background image
330
7674F–AVR–09/09
ATmega164P/324P/644P
4)The sum of all IOH, for ports F0-F7 should not exceed 100 mA.
If IOH exceeds the test condition, VOH may exceed the related specification. Pins are not guaranteed to source current
greater than the listed test condition.
5. Values indicated represent typical data from design simulation.
Notes:
1. All bits set in the “PRR – Power Reduction Register” on page 47.
26.2
Speed Grades
Maximum frequency is depending on V
CC. as shown in Figure 26-1.
Figure 26-1. Maximum Frequency vs. V
CC, ATmega164P/324P/644P
26.1.1
ATmega644P DC Characteristics
Table 26-1.
T
A = -40° C to 125° C, VCC = 2.7V to 5.5V (unless otherwise noted)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
ICC
Power Supply Current(1)
Active 4 MHz, VCC = 3V
2.7
4.0
mA
Active 8 MHz, VCC = 5V
9.5
12
mA
Idle 4 MHz, VCC = 3V
0.7
1.2
mA
Idle 8 MHz, VCC = 5V)
3.0
4.0
mA
Power-down mode
WDT enabled, VCC = 3V
10
60
µA
WDT enabled, VCC = 5V
15
95
µA
WDT disabled, VCC = 3V
7
54
µA
WDT disabled, VCC = 5V
10
85
µA
16 MHz
8 MHz
2.7V
4.5V
5.5V
Safe Operating Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com