Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega324P Datasheet(PDF) 335 Page - ATMEL Corporation

Part # ATmega324P
Description  8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega324P Datasheet(HTML) 335 Page - ATMEL Corporation

Back Button ATmega324P Datasheet HTML 331Page - ATMEL Corporation ATmega324P Datasheet HTML 332Page - ATMEL Corporation ATmega324P Datasheet HTML 333Page - ATMEL Corporation ATmega324P Datasheet HTML 334Page - ATMEL Corporation ATmega324P Datasheet HTML 335Page - ATMEL Corporation ATmega324P Datasheet HTML 336Page - ATMEL Corporation ATmega324P Datasheet HTML 337Page - ATMEL Corporation ATmega324P Datasheet HTML 338Page - ATMEL Corporation ATmega324P Datasheet HTML 339Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 335 / 377 page
background image
335
7674F–AVR–09/09
ATmega164P/324P/644P
Notes: 1. Values indicated represent typical data from design simulation.
2. Required only for fSCL > 100 kHz.
3. Cb = capacitance of one bus line in pF.
4. fCK = CPU clock frequency
5. This requirement applies to all ATmega164P/324P/644P Two-wire Serial Interface operation. Other devices connected to the
Two-wire Serial Bus need only obey the general fSCL requirement.
6. The actual low period generated by the ATmega164P/324P/644P Two-wire Serial Interface is (1/fSCL - 2/fCK), thus fCK
must be greater than 6 MHz for the low time requirement to be strictly met at fSCL = 100 kHz.
7. The actual low period generated by the ATmega164P/324P/644P Two-wire Serial Interface is (1/fSCL - 2/fCK), thus the low
time requirement will not be strictly met for fSCL > 308 kHz when fCK = 8 MHz. Still, ATmega164P/324P/644P devices con-
nected to the bus may communicate at full speed (400 kHz) with other ATmega164P/324P/644P devices, as well as any
other device with a proper tLOW acceptance margin.
Figure 26-5. 2-wire Serial Bus Timing
t
HIGH
High period of the SCL clock
fSCL ≤100 kHz
4.0
–
µs
fSCL > 100 kHz
0.6
–
µs
t
SU;STA
Set-up time for a repeated START condition
f
SCL ≤100 kHz
4.7
–
µs
fSCL > 100 kHz
0.6
–
µs
tHD;DAT
Data hold time
f
SCL ≤100 kHz
0
3.45
µs
f
SCL > 100 kHz
0
0.9
µs
t
SU;DAT
Data setup time
fSCL ≤100 kHz
250
–
ns
f
SCL > 100 kHz
100
–
ns
t
SU;STO
Setup time for STOP condition
f
SCL ≤100 kHz
4.0
–
µs
fSCL > 100 kHz
0.6
–
µs
tBUF
Bus free time between a STOP and START
condition
f
SCL ≤100 kHz
4.7
–
µs
f
SCL > 100 kHz
1.3
–
µs
Table 26-7.
2-wire Serial Bus Requirements(1) (Continued)
Symbol
Parameter
Condition
Min
Max
Units
tSU;STA
tLOW
tHIGH
tLOW
tof
tHD;STA
tHD;DAT
tSU;DAT
tSU;STO
tBUF
SCL
SDA
tr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com