Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega324P Datasheet(PDF) 354 Page - ATMEL Corporation

Part # ATmega324P
Description  8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega324P Datasheet(HTML) 354 Page - ATMEL Corporation

Back Button ATmega324P Datasheet HTML 350Page - ATMEL Corporation ATmega324P Datasheet HTML 351Page - ATMEL Corporation ATmega324P Datasheet HTML 352Page - ATMEL Corporation ATmega324P Datasheet HTML 353Page - ATMEL Corporation ATmega324P Datasheet HTML 354Page - ATMEL Corporation ATmega324P Datasheet HTML 355Page - ATMEL Corporation ATmega324P Datasheet HTML 356Page - ATMEL Corporation ATmega324P Datasheet HTML 357Page - ATMEL Corporation ATmega324P Datasheet HTML 358Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 354 / 377 page
background image
354
7674F–AVR–09/09
ATmega164P/324P/644P
Figure 27-31. Programming Current vs. Operating Voltage
27.9
Current Consumption in Reset and Reset Pulse Width
Figure 27-32. Reset Supply Current vs. Operating Voltage (0.1 - 1.0 MHz)
(Excluding Current Through the Reset Pull-up), Temperature = 25°C
EEP ROM WRITE CURRENT vs . Vc c
Ext Clk
125 ˚C
85 ˚C
25 ˚C
-40 ˚C
0
2
4
6
8
10
12
14
16
18
20
2.53
3.54
4.5
5
5.5
V
CC (V)
RES ET S UP P LY CURRENT vs . VCC
EXCLUDING CURRENT THROUGH THE RESET PULLUP - Te mpe ra ture = 25˚C
5.5 V
5.0 V
4.5 V
3.3 V
3.0 V
2.7 V
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Fre que nc y (MHz )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com