Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega324P Datasheet(PDF) 366 Page - ATMEL Corporation

Part # ATmega324P
Description  8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega324P Datasheet(HTML) 366 Page - ATMEL Corporation

Back Button ATmega324P Datasheet HTML 362Page - ATMEL Corporation ATmega324P Datasheet HTML 363Page - ATMEL Corporation ATmega324P Datasheet HTML 364Page - ATMEL Corporation ATmega324P Datasheet HTML 365Page - ATMEL Corporation ATmega324P Datasheet HTML 366Page - ATMEL Corporation ATmega324P Datasheet HTML 367Page - ATMEL Corporation ATmega324P Datasheet HTML 368Page - ATMEL Corporation ATmega324P Datasheet HTML 369Page - ATMEL Corporation ATmega324P Datasheet HTML 370Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 366 / 377 page
background image
366
7674F–AVR–09/09
ATmega164P/324P/644P
Notes:
1. Dimensioning and tolerancing conform to ASME Y14.5M. - 1994.
2. Dimensions b applies to metallized terminal and is measured between 0.15 and 0.30 mm from
terminal TIP. If the terminal has the optional radius on the other end of the terminal, the dimen-
sion b should not be measured in that radius area.
3. Maximum package warpage is 0.05 mm.
4. Maximum allowable burrs is 0.076 mm in all directions.
5. Pin #1 ID on top will be laser marked.
6. This drawing conforms to JEDEC registered outline M0-220.
7. A maximum 0.15 mm pull back (L1) may be present.
L minus L1 to be equal to or greater than 0.30 mm.
8. The terminal #1 identifier are optional but must be located within the zone indicated the termi-
nal #1 identifier be either a mold or marked feature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com