Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega324P Datasheet(PDF) 374 Page - ATMEL Corporation

Part # ATmega324P
Description  8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega324P Datasheet(HTML) 374 Page - ATMEL Corporation

Back Button ATmega324P Datasheet HTML 369Page - ATMEL Corporation ATmega324P Datasheet HTML 370Page - ATMEL Corporation ATmega324P Datasheet HTML 371Page - ATMEL Corporation ATmega324P Datasheet HTML 372Page - ATMEL Corporation ATmega324P Datasheet HTML 373Page - ATMEL Corporation ATmega324P Datasheet HTML 374Page - ATMEL Corporation ATmega324P Datasheet HTML 375Page - ATMEL Corporation ATmega324P Datasheet HTML 376Page - ATMEL Corporation ATmega324P Datasheet HTML 377Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 374 / 377 page
background image
374
7674F–AVR–09/09
ATmega164P/324P/644P
23.7
Boundary-scan Description Language Files ..................................................277
23.8
Register Description ......................................................................................278
24
Boot Loader Support – Read-While-Write Self-Programming ......... 279
24.1
Features ........................................................................................................279
24.2
Overview ........................................................................................................279
24.3
Application and Boot Loader Flash Sections .................................................279
24.4
Read-While-Write and No Read-While-Write Flash Sections ........................280
24.5
Boot Loader Lock Bits ...................................................................................282
24.6
Entering the Boot Loader Program ................................................................283
24.7
Addressing the Flash During Self-Programming ...........................................284
24.8
Self-Programming the Flash ..........................................................................285
24.9
Register Description ......................................................................................294
25
Memory Programming ......................................................................... 296
25.1
Program And Data Memory Lock Bits ...........................................................296
25.2
Fuse Bits ........................................................................................................297
25.3
Signature Bytes .............................................................................................299
25.4
Calibration Byte .............................................................................................299
25.5
Page Size ......................................................................................................299
25.6
Parallel Programming Parameters, Pin Mapping, and Commands ...............300
25.7
Parallel Programming ....................................................................................302
25.8
Serial Downloading ........................................................................................311
25.9
Serial Programming Instruction set ...............................................................313
25.10
Programming via the JTAG Interface ............................................................315
26
Electrical Characteristics .................................................................... 328
26.1
DC Characteristics .........................................................................................329
26.2
Speed Grades ...............................................................................................330
26.3
Clock Characteristics .....................................................................................331
26.4
System and Reset Characteristics ................................................................332
26.5
SPI Timing Characteristics ............................................................................333
26.6
2-wire Serial Interface Characteristics ...........................................................334
26.7
ADC Characteristics ......................................................................................336
27
ATmega644P Typical Characteristics ................................................ 338
27.1
Power-down Supply Current ..........................................................................343
27.2
Power-save Supply Current ...........................................................................344
27.3
Pin Pull-up .....................................................................................................345



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com