Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167-ESMZ Datasheet(PDF) 218 Page - ATMEL Corporation

Part # ATtiny167-ESMZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-ESMZ Datasheet(HTML) 218 Page - ATMEL Corporation

Back Button ATtiny167-ESMZ Datasheet HTML 214Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 215Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 216Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 217Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 218Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 219Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 220Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 221Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 222Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 282 page
background image
218
7728D–AVR–07/09
ATtiny87/ATtiny167
20.1.3
Performing a Page Write
To execute Page Write, set up the address in the Z-pointer, write “00000101
b” to SPMCSR
and execute SPM within four clock cycles after writing SPMCSR. The data in R1 and R0 is
ignored. The page address must be written to PCPAGE. Other bits in the Z-pointer must be
written to zero during this operation.
• The CPU is halted during the Page Write operation.
20.2
Addressing the Flash During Self-Programming
The Z-pointer is used to address the SPM commands. The Z pointer consists of the Z-regis-
ters ZL and ZH in the register file. The number of bits actually used is implementation
dependent.
Since the Flash is organized in pages (see Table 21-7 on page 228), the Program Counter can
be treated as having two different sections. One section, consisting of the least significant bits,
is addressing the words within a page, while the most significant bits are addressing the
pages. This is shown in Figure 20-1.
Note that the Page Erase and Page Write operations are addressed independently. Therefore
it is of major importance that the software addresses the same page in both the Page Erase
and Page Write operation.
The LPM instruction uses the Z-pointer to store the address. Since this instruction addresses
the Flash byte-by-byte, also the LSB (bit Z0) of the Z-pointer is used.
Figure 20-1. Addressing the Flash During SPM
(1)
Note:
1. The different variables used in Table 20-2 are listed in Table 21-7 on page 228.
Bit
15
141312
1110
9
8
Z15
Z14
Z13
Z12
Z11
Z10
Z9
Z8
ZH (R31)
Z7
Z6
Z5
Z4
Z3
Z2
Z1
Z0
ZL (R30)
Bit
7
65
43
2
1
0
PROGRAM MEMORY
0
1
15
Z - POINTER
BIT
0
ZPAGEMSB
WORD ADDRESS
WITHIN A PAGE
PAGE ADDRESS
WITHIN THE FLASH
ZPCMSB
INSTRUCTION WORD
PAGE
PCWORD[PAGEMSB:0]:
00
01
02
PAGEEND
PAGE
PCWORD
PCPAGE
PCMSB
PAGEMSB
PROGRAM COUNTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com