Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167-ESMZ Datasheet(PDF) 227 Page - ATMEL Corporation

Part # ATtiny167-ESMZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-ESMZ Datasheet(HTML) 227 Page - ATMEL Corporation

Back Button ATtiny167-ESMZ Datasheet HTML 223Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 224Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 225Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 226Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 227Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 228Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 229Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 230Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 231Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 282 page
background image
227
7728D–AVR–07/09
ATtiny87/ATtiny167
Notes:
1. The default value of SUT1..0 results in maximum start-up time for the default clock source.
See Table 4-4 on page 27 for details.
2. The default setting of CKSEL3..0 results in internal RC Oscillator @ 8 MHz. See Table 4-3
on page 27 for details.
3. The CKOUT Fuse allows the system clock to be output on PORTB5. See ”Clock Output Buf-
fer” on page 31. for details.
4. See ”System Clock Prescaler” on page 37.for details.
21.2.1
Latching of Fuses
The fuse values are latched when the device enters programming mode and changes of the
fuse values will have no effect until the part leaves Programming mode. This does not apply to
the EESAVE Fuse which will take effect once it is programmed. The fuses are also latched on
Power-up in Normal mode.
21.3
Signature Bytes
All Atmel microcontrollers have a three-byte signature code which identifies the device. This
code can be read in both serial and parallel mode, also when the device is locked. The three
bytes reside in a separate address space.
Table 21-5.
Fuse Low Byte
Fuse Low Byte
Bit No
Description
Default Value
CKDIV8(4)
7
Divide clock by 8
0 (programmed)
CKOUT(3)
6
Clock output
1 (unprogrammed)
SUT1
5
Select start-up time
1 (unprogrammed)(1)
SUT0
4
Select start-up time
0 (programmed)(1)
CKSEL3
3
Select Clock source
0 (programmed)(2)
CKSEL2
2
Select Clock source
0 (programmed)(2)
CKSEL1
1
Select Clock source
1 (unprogrammed)(2)
CKSEL0
0
Select Clock source
0 (programmed)(2)
Table 21-6.
Signature Bytes
Device
Address
Value
Signature Byte Description
ATtiny87
0
0x1E
Indicates manufactured by Atmel
1
0x93
Indicates 8 KB Flash memory
2
0x87
Indicates ATtiny87 device when address 1 contains
0x93
ATtiny167
0
0x1E
Indicates manufactured by Atmel
1
0x94
Indicates 16 KB Flash memory
2
0x87
Indicates ATtiny167 device when address 1 contains
0x94



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com