Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167-ESMZ Datasheet(PDF) 255 Page - ATMEL Corporation

Part # ATtiny167-ESMZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-ESMZ Datasheet(HTML) 255 Page - ATMEL Corporation

Back Button ATtiny167-ESMZ Datasheet HTML 251Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 252Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 253Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 254Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 255Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 256Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 257Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 258Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 259Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 282 page
background image
255
7728D–AVR–07/09
ATtiny87/ATtiny167
23. Decoupling Capacitors
The operating frequency (i.e. system clock) of the processor determines in 95% of cases the
value needed for microcontroller decoupling capacitors.
The hypotheses used as first evaluation for decoupling capacitors are:
• The operating frequency (
fop) supplies itself the maximum peak levels of noise. The main
peaks are located at
fop and 2
• fop.
• An SMC capacitor connected to 2 micro-vias on a PCB has the following characteristics:
– 1.5 nH from the connection of the capacitor to the PCB,
– 1.5 nH from the capacitor intrinsic inductance.
Figure 23-1. Capacitor description
According to the operating frequency of the product, the decoupling capacitances are chosen
considering the frequencies to filter,
fop and 2
• fop.
The relation between frequencies to cut and decoupling characteristics are defined by:
and
where:
– L: the inductance equivalent to the global inductance on the Vcc/Gnd lines.
–C
1 & C2: decoupling capacitors (C1 = 4 • C2).
Then, in normalized value range, the decoupling capacitors become:
These decoupling capacitors must to be implemented as close as possible to each pair of
power supply pins:
– 16-17 for logic sub-system,
– 5-6 for analogical sub-system.
Nevertheless, a bulk capacitor of 10-47 µF is also needed on the power distribution network of
the PCB, near the power source.
For further information, please refer to Application Notes AVR040 “EMC Design Consider-
ations“ and AVR042 “Hardware Design Considerations“ on the Atmel web site.
Table 23-1.
Decoupling Capacitors vs. Frequency
fop , operating frequency
C1
C2
16 MHz
33 nF
10 nF
12 MHz
56 nF
15 nF
10 MHz
82 nF
22 nF
8 MHz
120 nF
33 nF
6 MHz
220 nF
56 nF
4 MHz
560 nF
120 nF
PCB
Capacitor
1.5 nH
0.75 nH
0.75 nH
fop
1
2
Π LC
1
-----------------------
=
2
fop
•
1
2
Π LC
2
-----------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com