Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167-ESMZ Datasheet(PDF) 270 Page - ATMEL Corporation

Part # ATtiny167-ESMZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-ESMZ Datasheet(HTML) 270 Page - ATMEL Corporation

Back Button ATtiny167-ESMZ Datasheet HTML 266Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 267Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 268Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 269Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 270Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 271Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 272Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 273Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 274Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 282 page
background image
270
7728D–AVR–07/09
ATtiny87/ATtiny167
(0x7C)
ADMUX
REFS1
REFS0
ADLAR
MUX4
MUX3
MUX2
MUX1
MUX0
page 205
(0x7B)
ADCSRB
BIN
ACME
ACIR1
ACIR0
–
ADTS2
ADTS1
ADTS0
page 209, page 211
(0x7A)
ADCSRA
ADEN
ADSC
ADATE
ADIF
ADIE
ADPS2
ADPS1
ADPS0
page 207
(0x79)
ADCH
- / ADC9
- / ADC8
- / ADC7
- / ADC6
- / ADC5
- / ADC4
ADC9 / ADC3
ADC8 / ADC2
page 208
(0x78)
ADCL
ADC7 / ADC1
ADC6 / ADC0
ADC5 / -
ADC4 / -
ADC3 / -
ADC2 / -
ADC1 / -
ADC0 /
page 208
(0x77)
AMISCR
–
–
–
–
–
AREFEN
XREFEN
ISRCEN
page 190, page 190
(0x76)
Reserved
(0x75)
Reserved
(0x74)
Reserved
(0x73)
Reserved
(0x72)
Reserved
(0x71)
Reserved
(0x70)
Reserved
(0x6F)
TIMSK1
–
–ICIE1
–
–
OCIE1B
OCIE1A
TOIE1
page 138
(0x6E)
TIMSK0
–
–
–
–
–
–
OCIE0A
TOIE0
page 105
(0x6D)
Reserved
(0x6C)
PCMSK1
PCINT15
PCINT14
PCINT13
PCINT12
PCINT11
PCINT10
PCINT9
PCINT8
page 65
(0x6B)
PCMSK0
PCINT7
PCINT6
PCINT5
PCINT4
PCINT3
PCINT2
PCINT1
PCINT0
page 66
(0x6A)
Reserved
(0x69)
EICRA
–
–
–
–ISC11
ISC10
ISC01
ISC00
page 63
(0x68)
PCICR
–
–
–
–
–
–
PCIE1
PCIE0
page 64
(0x67)
Reserved
(0x66)
OSCCAL
CAL7
CAL6
CAL5
CAL4
CAL3
CAL2
CAL1
CAL0
page 37
(0x65)
Reserved
(0x64)
PRR
–
–
PRLIN
PRSPI
PRTIM1
PRTIM0
PRUSI
PRADC
page 47
(0x63)
CLKSELR
–
COUT
CSUT1
CSUT0
CSEL3
CSEL2
CSEL1
CSEL0
page 40
(0x62)
CLKCSR
CLKCCE
–
–
CLKRDY
CLKC3
CLKC2
CLKC1
CLKC0
page 38
(0x61)
CLKPR
CLKPCE
–
–
–
CLKPS3
CLKPS2
CLKPS1
CLKPS0
page 38
(0x60)
WDTCR
WDIF
WDIE
WDP3
WDCE
WDE
WDP2
WDP1
WDP0
page 57
0x3F (0x5F)
SREG
IT
H
S
V
N
Z
C
page 9
0x3E (0x5E)
SPH
SP15
SP14
SP13
SP12
SP11
SP10
SP9
SP8
page 11
0x3D (0x5D)
SPL
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0
page 11
0x3C (0x5C)
Reserved
0x3B (0x5B)
Reserved
0x3A (0x5A)
Reserved
0x39 (0x59)
Reserved
0x38 (0x58)
Reserved
0x37 (0x57)
SPMCSR
–
RWWSB
SIGRD
CTPB
RFLB
PGWRT
PGERS
SPMEN
page 219
0x36 (0x56)
Reserved
–
–
–
–
–
–
–
–
0x35 (0x55)
MCUCR
–BODS
BODSE
PUD
–
–
–
–
page 46, page 75
0x34 (0x54)
MCUSR
–
–
–
–
WDRF
BORF
EXTRF
PORF
page 52
0x33 (0x53)
SMCR
–
–
–
–
–SM1
SM0
SE
page 46
0x32 (0x52)
Reserved
0x31 (0x51)
DWDR
DWDR7
DWDR6
DWDR5
DWDR4
DWDR3
DWDR2
DWDR1
DWDR0
page 216
0x30 (0x50)
ACSR
ACD
ACIRS
ACO
ACI
ACIE
ACIC
ACIS1
ACIS0
page 212
0x2F (0x4F)
Reserved
0x2E (0x4E)
SPDR
SPD7
SPD6
SPD5
SPD4
SPD3
SPD2
SPD1
SPD0
page 147
0x2D (0x4D)
SPSR
SPIF
WCOL
–
–
–
–
–SPI2X
page 147
0x2C (0x4C)
SPCR
SPIE
SPE
DORD
MSTR
CPOL
CPHA
SPR1
SPR0
page 145
0x2B (0x4B)
GPIOR2
GPIOR27
GPIOR26
GPIOR25
GPIOR24
GPIOR23
GPIOR22
GPIOR21
GPIOR20
page 23
0x2A (0x4A)
GPIOR1
GPIOR17
GPIOR16
GPIOR15
GPIOR14
GPIOR13
GPIOR12
GPIOR11
GPIOR10
page 23
0x29 (0x49)
Reserved
0x28 (0x48)
OCR0A
OCR0A7
OCR0A6
OCR0A5
OCR0A4
OCR0A3
OCR0A2
OCR0A1
OCR0A0
page 103
0x27 (0x47)
TCNT0
TCNT07
TCNT06
TCNT05
TCNT04
TCNT03
TCNT02
TCNT01
TCNT00
page 103
0x26 (0x46)
TCCR0B
FOC0A
–
–
–
–
CS02
CS01
CS00
page 102
0x25 (0x45)
TCCR0A
COM0A1
COM0A0
–
–
–
–WGM01
WGM00
page 100
0x24 (0x44)
Reserved
0x23 (0x43)
GTCCR
TSM
–
–
–
–
–
PSR0
PSR1
page 106, page 109
0x22 (0x42)
EEARH(1)
–
–
–
–
–
–
–EEAR8
page 21
0x21 (0x41)
EEARL
EEAR7
EEAR6
EEAR5
EEAR4
EEAR3
EEAR2
EEAR1
EEAR0
page 21
0x20 (0x40)
EEDR
EEDR7
EEDR6
EEDR5
EEDR4
EEDR3
EEDR2
EEDR1
EEDR0
page 22
0x1F (0x3F)
EECR
–
–
EEPM1
EEPM0
EERIE
EEMPE
EEPE
EERE
page 22
0x1E (0x3E)
GPIOR0
GPIOR07
GPIOR06
GPIOR05
GPIOR04
GPIOR03
GPIOR02
GPIOR01
GPIOR00
page 23
0x1D (0x3D)
EIMSK
–
–
–
–
–
–INT1
INT0
page 63
0x1C (0x3C)
EIFR
–
–
–
–
–
–
INTF1
INTF0
page 64
0x1B (0x3B)
PCIFR
–
–
–
–
–
–
PCIF1
PCIF0
page 65
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com