Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167-ESMZ Datasheet(PDF) 280 Page - ATMEL Corporation

Part # ATtiny167-ESMZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-ESMZ Datasheet(HTML) 280 Page - ATMEL Corporation

Back Button ATtiny167-ESMZ Datasheet HTML 274Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 275Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 276Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 277Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 278Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 279Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 280Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 281Page - ATMEL Corporation ATtiny167-ESMZ Datasheet HTML 282Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 280 / 282 page
background image
280
7728D–AVR–07/09
ATtiny87/ATtiny167
sts
CLKCSR,temp3
; (*) Disable crystal oscillator clock
; (*) !!! At this moment, if any other clock source is selected by
CLKSELR,
;
this clock source will also stop !!!
; ==> WORKAROUND ...
sts
CLKCSR,temp2
4.
Comparison between ADC inputs and voltage references.
In the Analog Comparator module, comparing any ADC input (ADC[10..0]) with voltage
references (2.56V, 1.28V, 1.10V, 0.64V or 0.32V) fails.
Regardless, AIN1 input can be compared with the voltage references and any ADC input
can be compared with AIN0 input.
Problem fix / workaround.
Do not use this configuration.
5.
Register bits of DIDR1.
ADC8D, ADC9D and ADC10D (Digital Input Disable) initially located at bit 4 up to 6 are
instead located at bit 0 up to 2. These register bits are also in write only mode.
Problem fix / workaround.
Allow for the change in bit locations and the access mode restriction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com