Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny45 Datasheet(PDF) 123 Page - ATMEL Corporation

Part # ATtiny45
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny45 Datasheet(HTML) 123 Page - ATMEL Corporation

Back Button ATtiny45 Datasheet HTML 119Page - ATMEL Corporation ATtiny45 Datasheet HTML 120Page - ATMEL Corporation ATtiny45 Datasheet HTML 121Page - ATMEL Corporation ATtiny45 Datasheet HTML 122Page - ATMEL Corporation ATtiny45 Datasheet HTML 123Page - ATMEL Corporation ATtiny45 Datasheet HTML 124Page - ATMEL Corporation ATtiny45 Datasheet HTML 125Page - ATMEL Corporation ATtiny45 Datasheet HTML 126Page - ATMEL Corporation ATtiny45 Datasheet HTML 127Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 196 page
background image
123
7598H–AVR–07/09
ATtiny25/45/85
The values described in Table 51 are typical values. However, due to the process variation the
temperature sensor output voltage varies from one chip to another. To be capable of achieving
more accurate results the temperature measurement can be calibrated in the application soft-
ware. The software calibration requires that a calibration value is measured and stored in a
register or EEPROM for each chip, as a part of the production test. The sofware calibration can
be done utilizing the formula:
where V
TEMP is the ADC reading of the temperature sensor signal, k is a fixed coefficient and TOS
is the temperature sensor offset value determined and stored into EEPROM as a part of produc-
tion test.
18.7.5
ADC Multiplexer Selection Register – ADMUX
• Bit 7..6,4 – REFS2..REFS0: Voltage Reference Selection Bits
These bits select the voltage reference (V
REF) for the ADC, as shown in Table 18-3. If these bits
are changed during a conversion, the change will not go in effect until this conversion is
complete (ADIF in ADCSR is set). Whenever these bits are changed, the next conversion will
take 25 ADC clock cycles. If active channels are used, using V
CC or an external AREF higher
than (V
CC - 1V) as a voltage reference is not recommended, as this will affect the ADC accuracy.
• Bit 5 – ADLAR: ADC Left Adjust Result
The ADLAR bit affects the presentation of the ADC conversion result in the ADC Data Register.
Write one to ADLAR to left adjust the result. Otherwise, the result is right adjusted. Changing the
ADLAR bit will affect the ADC Data Register immediately, regardless of any ongoing conver-
sions. For a comple te description of this bit, see “The ADC Data Register – ADCL and ADCH”
on page 126.
Temperature
k
VTEMP TOS
+
⋅
=
Bit
765
432
10
REFS1
REFS0
ADLAR
REFS2
MUX3
MUX2
MUX1
MUX0
ADMUX
Read/Write
R
R/W
R/W
R
R
R
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Table 18-3.
Voltage Reference Selections for ADC
REFS2
REFS1
REFS0
Voltage Reference (VREF) Selection
00
0
VCC used as Voltage Reference, disconnected from PB0 (AREF).
00
1
External Voltage Reference at PB0 (AREF) pin, Internal Voltage
Reference turned off.
01
0
Internal 1.1V Voltage Reference without external bypass capacitor,
disconnected from PB0 (AREF).
01
1
Internal 1.1V Voltage Reference with external bypass capacitor at
PB0 (AREF) pin.
11
0
Internal 2.56V Voltage Reference without external bypass
capacitor, disconnected from PB0 (AREF). (1)
1.
The device requires a supply voltage of 3V in order to generate 2.56V reference voltage.
11
1
Internal 2.56V Voltage Reference with external bypass capacitor at
PB0 (AREF) pin.(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com