Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny45 Datasheet(PDF) 150 Page - ATMEL Corporation

Part # ATtiny45
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny45 Datasheet(HTML) 150 Page - ATMEL Corporation

Back Button ATtiny45 Datasheet HTML 146Page - ATMEL Corporation ATtiny45 Datasheet HTML 147Page - ATMEL Corporation ATtiny45 Datasheet HTML 148Page - ATMEL Corporation ATtiny45 Datasheet HTML 149Page - ATMEL Corporation ATtiny45 Datasheet HTML 150Page - ATMEL Corporation ATtiny45 Datasheet HTML 151Page - ATMEL Corporation ATtiny45 Datasheet HTML 152Page - ATMEL Corporation ATtiny45 Datasheet HTML 153Page - ATMEL Corporation ATtiny45 Datasheet HTML 154Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 196 page
background image
150
7598H–AVR–07/09
ATtiny25/45/85
22. Electrical Characteristics
22.1
Absolute Maximum Ratings*
Operating Temperature.................................. -40°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Storage Temperature ..................................... -65°C to +150°C
Voltage on any Pin except RESET
with respect to Ground ................................-0.5V to V
CC+0.5V
Voltage on RESET with respect to Ground......-0.5V to +13.0V
Maximum Operating Voltage ............................................ 6.0V
DC Current per I/O Pin ............................................... 40.0 mA
DC Current
V
CC and GND Pins ................................ 200.0 mA
Table 22-1.
DC Characteristics T
A = -40°C to 125°C, VCC = 2.7V to 5.5V (unless otherwise noted)
(1) .
Symbol
Parameter
Condition
Min.(2)
Typ.
Max.(3)
Units
VIL
Input Low Voltage
Except RESET and XTAL
pins
-0.5
0.3V
CC
V
VIL1
Input Low Voltage
XTAL pin
-0.5
0.1V
CC
V
VIL2
Input Low Voltage
RESET pin
-0.5
0.1VCC
V
VIH
Input High-voltage
Except RESET and XTAL
pins
0.6VCC
(3)
VCC +0.5
V
VIH1
Input High-voltage
XTAL pin
0.9VCC
(3)
VCC +0.5
V
VIH2
Input High-voltage
RESET pin
0.9V
CC
(3)
V
CC +0.5
V
VOL
Output Low Voltage(4)
(Port B) except PB5
IOL = 8 mA, VCC = 5V
IOL = 5 mA, VCC = 3V
0.6
0.5
V
V
VOH
Output High-voltage(5)
(Port B) except PB5
IOH = -8 mA, VCC = 5V
IOH = -5 mA, VCC = 3V
4.1
2.3
V
V
VOL1
Output Low Voltage(4)
PB5
IOL = 1 mA
0.6
V
VOH1
Output High-voltage(5)
PB5
IOH = -200µA, VCC = 5V
3.2
V
IIL
Input Leakage
Current I/O Pin except
RESET
Vcc =
5.5V, pin low
(absolute value)
50
nA
IIH
Input Leakage
Current I/O Pin except
RESET
Vcc =
5.5V, pin high
(absolute value)
50
nA
RRST
Reset Pull-up Resistor
30
60
k
Ω
Rpu
I/O Pin Pull-up Resistor
20
50
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com